|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Pl tronics, Inc. . 19013 36th Ave. W, Suite H Lynnwood, WA 98036 USA Manufacturer of High Quality Frequency Control Products PVB, PVM PECL VCXO Series Differential PECL Output with Enable/Disable 6 Pad Leadless Surface Mount or 4 Lead Thru-Hole PECL Voltage Controlled Xtal Oscillator Standard Specifications Overall Frequency Stability Operating Temperature Range Storage Temperature Range Supply Voltage (Vcc) Supply Current (Icc) Output High Level 50 PPM, 25 PPM, 20 PPM over Operating Temperature Range 0 to +70C is standard, but can be extended to - 40 to +85C - 55 to +125C 3.3 volts 5% standard, but 5.0 volts or 2.5 volts also available. See Test Cirucit 5. < 250 MHz = 90 mA maximum, 250 MHz and above = 100 mA maximum 2.275 V minimum referenced to Ground, Vcc = 3.300V, 0.975 V minimum referenced to termination voltage, - 1.025 V minimum referenced to Vcc 1.680 V maximum referenced to Ground, Vcc = 3.300V, 0.380 V maximum referenced to termination voltage, - 1.620 V maximum referenced to Vcc 45/55% referenced to 50% of amplitude 1.0 nS maximum when Vth is 10% and 90% of waveform 6 pS RMS maximum measured from 12 kHz to 20 MHz from output frequency 50 kohm minimum to Vcc 0.3 Vcc maximum referenced to Ground 0.7 Vcc minumum referenced to Ground 10% typical Positive and montonic For 5.0 Vcc, CVR = 0.5 to 4.5 V, For 3.3 Vcc, CVR = 0.0 to 3.3 V, For 2.5 Vcc, CVR = 0.0 to 2.5 V Pull range is defined as absolute pull range. This is the pull range about the specified oscillator frequency, independent of supply, temperature range and load. Typical values are 25, 50 and 100 PPM. 100 nS maximum 100 nS maximum Q Output = Logic Low, QN Output = Logic High. Both Outputs are active Part Numbering Guide Portions of the part number that appear after the frequency may not be marked on part (C of C provided) Packaging PVM = Tube PVB = Tube or 24mm tape 16mm pitch PVB 5 V B V - 100.0M - XXX (Internal Code or blank) 1.00 MHz - 650.00 MHz Consult factory for higher frequencies Output Low Level Output Symmetry Output Rise & Fall (Tr & Tf) Jitter E/D Internal Pullup V disable V enable Linerarity Slope Control Voltage Range (CVR) Pullability PVB Output Enable/Disable (E/D) Output Enable Time Output Disable Time When Disabled Model PVB = B Pkg PVM = Metal Frequency Stability 5 = 50 PPM 4 = 25 PPM 2 = 20 PPM Supply Voltage Y = 5.0 volts 10% V = 3.3 volts 5% W = 2.5 volts 5% Frequency in MHz Frequency Deviation (Pullability) Absolute Pull Range V: 50 PPM W = 100 PPM Operating Temperature Range B: 0 to +70C F: - 40 to +85C Mar 2004 Consult factory for available frequencies and specs. Not all options available for all frequencies. A special part number may be assigned. Frequency Stability is inclusive of frequency shifts due to calibration, temperature, supply voltage, shock, vibration and load Pl tronics, Inc. (425) 776 -1880, Fax: (425) 776-2760, ple-sales@pletronics.com, www.pletronics.com 20 Pl tronics, Inc. . 19013 36th Ave. W, Suite H Lynnwood, WA 98036 USA Manufacturer of High Quality Frequency Control Products PVB, PVM PECL VCXO Series Mechanical: inches (mm) not to scale Solder Pads Due to part size and factory abilities, part marking may vary from lot to lot and may contain our part number or an internal code. PVB Series 0.200 (5.08) 0.400 (10.16) MAX 6 5 4 0.228 (5.8) 4 5 6 3 2 1 1 2 3 0.560 (14.23) MAX 0.195 (4.95) MAX 0.200 (5.08) 0.055 0 .145 (1.4) (3.68) PIN 1 2 3 4 5 6 SIGNAL Vcon E/D GND Q OUT QN OUT Vcc PVM Series .200 (5.08) MAX .807 (20.5) MAX .031 (0.8) .500 (12.7) MAX .300 (7.62) 8 14 .600 (15.24) .020 (.51) 7 PIN 1 7 8 14 SIGNAL Vcon GND OUT Vcc .250 (6.35) MAX See page 6 for Layout Guidelines 20A Mar 2004 Pl tronics, Inc. (425) 776 -1880, Fax: (425) 776-2760, ple-sales@pletronics.com, www.pletronics.com 0.118 (3.0) 1 |
Price & Availability of PVB5VBV |