Part Number Hot Search : 
250F28 SAA6581T 2SC580 GP15M BR310 68HC08 C847B MM74HC
Product Description
Full Text Search
 

To Download PT2366L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PT2366L 1W Class-AB Audio Power Amplifier
DESCRIPTION
PT2366L is an audio power amplifier IC utilizing advanced CMOS technology. It can deliver 1W power output under 5V supply voltage. The power consumption is very low in stand-by mode. Built-in over-temperature protection, package size is not occupies PCB space. It is suitable for small or portable products.
FEATURES
* * * * * CMOS technology Output power 1W (8) Low harmonics distortion Built-in pop and click noise suppress Shutdown function, turn on can into save mode (Icc<0.1A) * Built-in over-temperature protection
APPLICATIONS
* * * * * DSC, PDA LCD TV or Monitor Electronic dictionary Multimedia speaker Other A/V applications
BLOCK DIAGRAM
Tel: 886-66296288Fax: 886-29174598 http://www.princeton.com.tw2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
PT2366L
APPLICATION CIRCUIT
SINGLE ENDED INPUT
Notes: 1. * = Not stuffed 2. Add a circuit (Cf) if needed, it can be a low filter to delete high frequency oscillation, but must to avoid incorrect Rf and Cf combination to cause "glide" before 20KHz. In general Rf=20K, Cf=25pF, -3dB is 320KHz is recommended.
V1.0
2
June, 2009
PT2366L
ORDER INFORMATION
Valid Part Number PT2366L-MS Package Type 8 Pins, MSOP, 118mil Top Code PT2366L
PIN CONFIGURATION
PIN DESCRIPTION
Pin Name /SHUTDOWN BYPASS +IN -IN Vo1 VDD GND Vo2 I/O I I I I O O Description Shutdown pin Entire IC into the shutdown mode when this pin connected to the GND. Internal bias reference bypassing Channel input (+) Channel input (-) Channel output (-) Supply voltage Ground Channel output (+) Pin No. 1 2 3 4 5 6 7 8
V1.0
3
June, 2009
PT2366L IMPORTANT NOTICE
Princeton Technology Corporation (PTC) reserves the right to make corrections, modifications, enhancements, improvements, and other changes to its products and to discontinue any product without notice at any time. PTC cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a PTC product. No circuit patent licenses are implied. Princeton Technology Corp. 2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan Tel: 886-2-66296288 Fax: 886-2-29174598 http://www.princeton.com.tw
V1.0
4
June, 2009


▲Up To Search▲   

 
Price & Availability of PT2366L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X