Part Number Hot Search : 
SG109 CYW2315 GUF10 TP868C12 PDTA114 C1473 C5001 8NBFJ
Product Description
Full Text Search
 

To Download PSC15A-050S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WWW.PHIHONG.COM
15 Watt - Low Cost Linear Eliminator PSC15A Wall Plug-In Adapters
Features * NEMA 2 Plug In * Zero Minimum Load Applications * Portable Instruments * Palm Computers Safety Approvals * cUL 1950 Mechanical Characteristics Dimensions:* Length: 74.2mm (2.92in) * Width: 49.3mm (1.94in) Output Specifications
Model DC Output Voltage
* 250A Leakage * Short Circuit Protected * Peripherals * Modems
* Height: 34.4mm (1.35in) * Weight: 200gm (7oz)
Load Min. Max.
Regulation Line & Load
PSC15A-050S PSC15A-090S PSC15A-120S PSC15A-150S PSC15A-240S
5.0V 9.0V 12V 15V 24V
0A 0A 0A 0A 0A
3.0A 1.6A 1.25A 1.0A 0.62A
+5% +5% +5% +5% +5%
PSC15A Characteristics INPUT: AC Input Voltage 90 to 132 VAC AC Input Frequency 57 to 63Hz AC Input Current 0.4Arms (115VAC) AC Inrush Current (Cold Start, 25C) 35A max. (115VAC) Efficiency 70% typical OUTPUT: Ripple (1) 200mV P-P maximum Hold-up Time 16ms Full load, 120VAC Overvoltage Protection 115% Nominal Short Circuit Protection 110% Nom., Auto Restart ENVIRONMENTAL: Operation Temperature (Convection) 0 to 40C Storage Temperature -25 to +75C Humidity 5 to 80% RH (Non-condensing) Emissions FCC Class B Immunity IEC 1000-4-2, Level 3 IEC 1000-4-5, Level 3 GENERAL: Leakage Current 0.25mA maximum (132VAC) Dielectric Withstand (Hipot) Input to Output 2000VAC, 1 min., 10mA MTBF (Full Load, 25C) 100K Hrs. MIL-HDBK-217F AC Input Connector NEMA 15P DC Output Connector 2.1mm x 5.5mm x 9.5mm Coaxial Plug; Center Positive Standard
(1) Measured at full load by using a 12 inch twisted pair terminated with a 10mfd capacitor and a 0.1mfd ceramic in parallel
WWW.PHIHONG.COM
ADAPTER
Dimension Diagram Unit: mm (inch)
PSC15A/0312


▲Up To Search▲   

 
Price & Availability of PSC15A-050S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X