Part Number Hot Search : 
LTC1701B TXN18107 MP690 AA64X SMF12A 050RDA2 MST6M182 SMB68
Product Description
Full Text Search
 

To Download PSC03R-050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WWW.PHIHONG.COM
2.5W USB Adapter with Interchangeable Plugs PSC03R Adapter Meets CEC and EISA Requirements
Features
* * * * * * * * * *
USB Socket Field Changeable AC Plugs ECOC Compliance
* * * * * * *
Low Leakage Current UL 94 Vo Flammability Efficiency Level IV Compliance
Applications
Wireless Communications Peripherals
Portable Equipment Networking
Safety Approvals
cUL/UL TUV SAA
CE C-Tick
Mechanical Characteristics
Length: 75.32mm (2.97in) Width: 45.96mm (1.81in)
* *
Height: 31.67mm (1.25in) Weight: 61.1g (2.16oz)
Output Specifications
Model
PSC03R-050
DC Output Voltage
5V
Load Min. Max.
0A 0.5A
Ripple (1) P-P (max)
55mV
Regulation Line Load
5%
Efficiency Level
Note: (1) Measured by using a 12-inch twisted pair terminal with a 10uf EC capacitor and a 0.1uf ceramic in parallel, measured at maximum load. Interchangeable clips sold separately. Phihong is not responsible for any error and change. Content is subject to change without notice. Please consult the factory and visit www.phihong.com for the most up-to-date specifications.
PSC03R Characteristics INPUT:
AC Input Voltage Rating
100 to 240VAC
WWW.PHIHONG.COM
Short Circuit Protection
Output can be shorted without damage
AC Input Voltage Range
90 to 264VAC
Adapter Detection:
Each data line (Data+ and Data-) is tied to +VDC via a 7.5K Ohm resistor and to DC RTN via a 15K Ohm resistor
AC Input Current
0.15A(RMS) max. @ 115VAC
0.08A(RMS) max. @ 230VAC
Leakage Current
20uA max. @ 254VAC, 50Hz
ENVIRONMENTAL:
Temperature
Operation Non-operation 0 to +45C -40 to +85C
Inrush Current (cold)
<30A for 120VAC at max. load <60A for 240VAC at max. load (Cold start @ ambient 25C)
Humidity
Operation 10 to 90%
Emissions
FCC Part 15 Class B CISPR 22 Class B
Input Power Saving
0.5W maximum at no load
Dielectric Withstand (Hi-pot) Test
OUTPUT:
Efficiency
> 58% average efficiency
Primary to Secondary: 3000VAC
AC Input Clips (sold separately)
US: RPA Europe: RPE UK: RPK Australia: RPS
Hold-up Time
10mS min. @ 120VAC and Max. load
Over-current Protection
0.75A max.
Over-Voltage Protection
8VDC max.
Dimension Diagram Unit: mm (inch)


▲Up To Search▲   

 
Price & Availability of PSC03R-050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X