Part Number Hot Search : 
16237 UM6016 TA0820A IRU1150 APU3037 SMC5339 HN2C01FE 4558D
Product Description
Full Text Search
 

To Download PSB05R-050Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WWW.PHIHONG.COM
5W USB Adapter with Interchangeable Plugs PSB05R Series
Features
* * * * * * * * * *
USB Socket Field Changeable AC Plugs CEC Compliance
* * * * * * *
Low Leakage Current UL 94 Vo Flammability No Load Power Consumption < 0.3 Watt
Applications
Wireless Communications Peripherals
Portable Equipment Networking
Safety Approvals
cUL/UL TUV SAA
CE C-Tick
Mechanical Characteristics
Length: 75.32mm (2.97in) Width: 45.96mm (1.81in)
* *
Height: 31.67mm (1.25in) Weight: 61.1g (2.16oz)
Output Specifications
Load Model
PSB05R-050Q(A)-R
DC Output Voltage
5V
Ripple (1) Max.
1A
Regulation Line
5%
Min.
0A
P-P (max)
55mV
Load
Note: (1) Measured by using a 12-inch twisted pair terminal with a 10uf EC capacitor and a 0.1uf ceramic in parallel, measured at maximum load. Phihong is not responsible for any error and change. Content is subject to change without notice. Please consult the factory and visit www.phihong.com for the most up-to-date specifications.
PSB05R Characteristics INPUT:
AC Input Voltage Rating
100 to 240VAC
WWW.PHIHONG.COM Short Circuit Protection
Output can be shorted without damage
AC Input Voltage Range
90 to 264VAC
Adapter Detection:
Each data line (Data+ and Data-) is tied to +VDC via a 7.5K Ohm resistor and to DC RTN via a 15K Ohm resistor
AC Input Current
200mA(RMS) max. @ 115VAC 80mA(RMS) max. @ 230VAC
ENVIRONMENTAL:
Temperature
Operation Non-operation 0 to +45C -20 to +75C
Leakage Current
20uA max. @ 254VAC, 50Hz
Inrush Current (cold)
<40A for 240VAC at max. load (Cold start @ ambient 25C)
Humidity
Operation 20 to 90%
Input Power Saving
0.3W max. for 240VAC at no load
Emissions
FCC Part 15 Class B CISPR 22 Class B
OUTPUT:
Efficiency
62% min.
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000VAC
Hold-up Time
10mS min. @ 120VAC and Max. load
AC Input Clips (sold separately)
US: RPA Europe: RPE UK: RPK Australia: RPS
Over-load Protection
5A max.
Over-voltage Protection
8VDC max.
Dimension Diagram Unit: mm (inch)


▲Up To Search▲   

 
Price & Availability of PSB05R-050Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X