Part Number Hot Search : 
LT1085IG 960T63 LMC710 SK432 2A100 IR2110E4 SNC21340 BU508
Product Description
Full Text Search
 

To Download PPR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PPR
FAST RECOVERY
SINGLE-PHASE FULL WAVE BRIDGE 5.0 AMPERES HEAT SINK MOUNTING 2.0 AMPERES FOR P.C. BOARD MOUNTING
Th pro is m gra ark m ind of Un icate de s r r w ec rite og rs niti La on bo un rat de ori r t es he , in co c. mp o ne nt
PPR SERIES
PRV/ l eg Type No. 50V PPR05 100V PPR10 200V PPR20 400V PPR40 600V PPR60 800V PPR80 1000V PPR100
ELECTRICAL CHARACTERISTICS PER LEG (at TA=25 C Unl es s Oth erw ise Spe ci fie d)
Max. Reverse Recovery , Trr (Fig.4)
Max. Forward Voltage Drop, VF =1.3 V @ IF=
Max. DC Reverse Current @ PRV and 25 C, I R
o
200
2.0 1.0 100 -55 to +150 -55 to +150 7.0typ.
Nano Sec.
Amp
A
Max. Peak Surge Current, IFSM (8.3ms)
Amp
o o o
Ambient Operating Temperature Range,TA
Storage Temperature Range, T STG
Thermal Resistance (Total Bridge), R0 j-c
C C
C/ W
NOTE: Maximum lead and terminal temperature for soldering, 3/8 inch from case,5 seconds at 250 OC. EDI reserves the right to change these specifications at any time without notice.
PPR
Figure 1 PPR SERIES CURRENT DERATING
IF(AV). AVERAGE FORWARD CURRENT (AMP) 8 100
Figure 2 NON- REPETITIVE SURGE CURRENT
0.1SEC 1.0SEC
6
% MAXIMUM SURGE
140 160
A
BRIDGE OUTPUT RES IND LOADS
75
4
50
B
2 0 0 20 40 60 80 100 120
25
0 1 2 3 4 5 6 7 8 9 10 20 30 40 50 60
TEMPERATURE (O C) A=CASE TEMPERATURE HEAT SINK MOUNTED B=AMBIENT TEMPERATURE
CYCLES(60 Hz)
PT(AV). TOTAL AVERAGE POWER DISSIPATION (WATTS)
Figure 3 POWER DISSIP ATION
15
T RR
Figure 4 TEST CIRCUIT
12
0.5A
ZERO REFERENCE
R1 50 OHM
D.U.T. PULSE GENERATOR R2 1 OHM SCOPE
+
9
1.0A 0.25A
-
6
3
BRIDGE OUTPUT RES IND LOADS
0 0 2 4 6 8 IF(AV). AVERAGE FORWARD CURRENT (AMP)
R1, R2 NON-INDUCTIVE RESISTORS PULSE GENERATOR - HEWLETT PACKARD 214A OR EQUIV . IKC REP.RA TE, 10 SEC. PULSE WIDTH ADJUST PULSE AMPLITUDE FOR PEAK IR
PPR SERIES MECHANICAL OUTLINE
+
A
AC
D
B A
LTR E A B C D E F
INCHES .411-.441 .137-.167 DIA .590-.610 .038-.042 1.000 MIN .300 MAX
MILLIMETERS 10.44-11.20 3.48-4.24 DIA 14.99-15.49 .97-1.07 25.4 MIN 7.62 MAX
AC
C
_
F
NOTE: A thin film of silicone thermal compound is recommended between the Minibridge case and mounting surface for improved thermal conduction. ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
21 GRAY OAKS AVENUE * YONKERS. NEW YORK 10710 914-965-4400 * FAX 914-965-5531 * 1-800-678-0828
Ee-mail:sales@edidiodes.com * Wwebsite: http://www.edidiodes.com


▲Up To Search▲   

 
Price & Availability of PPR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X