Part Number Hot Search : 
LC66516B AN7025 MBM29 2SC42 EL7513 GP1A91LC MC14079 82FKE36
Product Description
Full Text Search
 

To Download PL523-1Y01-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL523 Series 5mm LED Panel Mount Metal Holder
Features
*Panel Mount Indicator with Inner Reflector *Chrome or Black Finish *Mounting Hole 8 mm (0.315") *Mounting Hardware Included *1 Yellow LED with Color Diffused Lens used *26AWG Red (+) and Black (-) 6" Wire Leads *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation............................................................................ 78mW Reverse Voltage (<100A)...................................................................... 5.0V Max Forward Current.......................................................................... 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width).................................... 100mA Operating Temperature Range................................................... -25C to +85C Storage Temperature Range...................................................... -40C to +100C Soldering Temperature (1.6 mm below body)..................................... 260C for 5 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number
Add S for Chrome Finish Add B for Black Finish
Emitting Color
Chip Material
Peak Wave Length nm
Dominant Wave Length nm 590
Viewing Angle 2 1/2 Deg 35
Forward Voltage @20mA (V) Typ 2.1 Max 2.6
Luminous Intensity @20mA (mcd) Min 14.0 Typ 27.0
PL523-1Y01-2
Yellow
GaAsP
585
All dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified.
5mm LED
4.1
6.8
4.9
2.0
6.35
Cathode Black
10.0
8.5
Anode Red
Striped and Tinned
Washer
6.65
M8 x 0.75
152.0 Typ.
02-15-07 REV 0 RS


▲Up To Search▲   

 
Price & Availability of PL523-1Y01-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X