Part Number Hot Search : 
S3C7414 KJ12EXT SE304 FAN7005 KJ12EXT SUFA4005 KJ12ETT FC020
Product Description
Full Text Search
 

To Download OSMY61K37GH-K5SA5111A-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model No. REV.
OSMY61K37GHXXXA5111A-A C2
PRODUCT SPECIFICATION FOR LED Light Strip
Descriptions:
* * * * Low Power Consumption, High Intensity Long life, Easy Installation Voltages Available 12VDC LED Model Number: OSXXXA5111A 1
1
Features:
* * * * * Available in Red , Orange , Yellow , Green , Blue , White Directly use on line voltage Low Power Consumption , High intensity Energy saving Excellent beam control * Long life
1
Application:
* * * * * Channel letter signs Indirect accent decor light Large area back lighting Under counter light Decorate building 's contour * Substitute neon light
1
Product Picture:
1
1
Model No. REV.
OSMY61K37GHXXXA5111A-A C2
Device Selection Guide
Module No. Color
1
Dom. Wavelength Intensity / Per LED (Typ.) (Typ.) 625 5nm 605 5nm 590 5nm 530 5nm 475 5nm 405 5nm X=0.27 ; Y=0.28 X=0.45 ; Y=0.41 X=0.45 ; Y=0.17 25000 mcd 25000 mcd 25000 mcd 21000 mcd 15000 mcd 240 mcd 25000 mcd 14400 mcd 3600 mcd
Red R5MA5111A-X Orange O5MA5111A-X Yellow Y5MA5111A-X Green G5DA5111A-X Blue B5SA5111A-X Violet V5HA5111A-X White W5SA5111A-X M5SA5111A-X Warm White Pink K5SA5111A-X
Absolute Maximum Ratings(Ta=25
Items
Operating supply range(DC) Input Current (DC) Power Dissipation LED Light Source Temperature Operating Temperature Storage Temperature
)
Values 14
390 5.46 105 -10 ~ +40 -20 ~ +80
1
Units V
MA W DegC DegC DegC
Symbol Vidc
Ii Pa Tled Tope Tsto
Typical Performance (Ta=25
Items
LED Module Power Input Voltage(DC) Product input Current Beam Pattern Total Length of Modules (Including Pin) Net Weight
)
Min.
-------------
1
Typ.
3.12 12 260 15 609.6 40
Symbol
Pm Vi If BP Lmod. Wei.
Max.
5.46 14 390 -------
Units
w V mA Deg mm g
2
Model No. REV.
OSMY61K37GHXXXA5111A-A C2
Product Dimensions:
+ 12V GND
1
B
EINZELHEIT B
EINZELHEIT A LED 1 A
Unit
3
mm
Model No. REV.
OSMY61K37GHXXXA5111A-A C2
Applied product electrical connection schematic diagram:
1
4


▲Up To Search▲   

 
Price & Availability of OSMY61K37GH-K5SA5111A-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X