Part Number Hot Search : 
PP1DM S1201 32HDVA 89HR1KTR B1236A SDS20WM BL2000 MP7610BP
Product Description
Full Text Search
 

To Download OFMS18MI300111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OFMS Series Mini 1x8 Optical Fiber Switches
OFMS Series
Features Wide Operating Wavelength Range Fast Switch Speed Highly Stable & Reliable Low Insertion Loss Low PDL Mini Size Built-in Position Monitor
OFMS Series Mini 1x8 Optical Fiber Switches
The OFMS series mini 1x8 optical fiber switch is free space micro optic based opto-mechanical switches. The switches are designed for use in optical channel monitoring, Remote Fiber Testing Systems (RFTSs), and network switching for fault protection applications. Oplink provides customized design to meet special control and applications. Also, Oplink offers modular assemblies that integrate other components to form a full function module or subsystem.
Applications Network Monitoring and Switching Remote Fiber Testing Systems Instrument, Testing and Measurement
Performance Specifications
Parameter Value Unit
Operating Wavelength Range Insertion Loss 1,2 Polarization Dependent Loss Return Loss 2 Channel Cross Talk Repeatability Switching Time Optical Power Handling Fiber Type Operating Temperature Storage Temperature Switch Type Dimensions
1260 ~ 1360 or 1525 ~ 1610 <0.7 <0.1 >45 >55 0.05 <20 300 SMF-28 0 to 70 - 40 to 85 Latching
1260 ~ 1360 and 1525 ~ 1610 0.8
nm
dB dB dB dB dB ms mW
C C
mm
70.0 (L) x 40.0 (W) x 11.0 (H)
Notes: 1. Insertion loss is specified at 1310 and/or 1550nm at 23C. Add 0.5dB to include wavelength (within each window) and temperature dependence. 2. Excluding connectors.
Oplink Communications, Inc.
R0.20071204
OFMS Series Mini 1x8 Optical Fiber Switches
OFMS Series
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
OFMS
1
8
M
I
0
0
1
Connector
None=1 FC/PC=2 FC/SPC=3 FC/APC=4 SC/PC=5 SC/SPC=6 SC/APC=7 ST=8 LC=9 MU=A
Wavelength
PackageType
P1=1
Fiber Length
1.0 meter=1 1.5 meters=5 2.0 meters=2
C+L bands=E 1310nm=3 1310+C+L=D
Fiber Type
SMF-28 250m=1 SMF-28 with 900m loose tube=2
46335 Landing Parkway Fremont, CA 94538-6407 Tel: (510 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com
R0.20071204
Product Lines
Mux/Demux
Switching/Routing
Coupling/Splitting
Monitoring/Conditioning
Amplification
Interconnect
RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of OFMS18MI300111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X