Part Number Hot Search : 
30100WT SGM8952 4040A 07502 C74LVX 58NVG 70650 UPA1717
Product Description
Full Text Search
 

To Download MSC24A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSC24A/12A 8-bit I/O type micro-controller with voice function
Features
* Single chip 8-bit CPU * Operation voltage: 2.4V to 5.5V * Memory:
(oscillator stop oscillating)
* One
current
DAC
output
for
voice
synthesizer
ROM (shared by program and data): 24K Bytes Data RAM: 88 Bytes
* Dual-channel melody with programmable
envelope
* 12 input/output pins with wake-up function * Two power-down mode for saving power
consumption:
* Two re-loadable 8-bit timers * Build-in random number generator * Build-in watchdog timer * Oscillator

Sleep mode: micro-controller no operation (oscillator still oscillating) Stop mode: micro-controller no operation
Single ring clock operation Ring oscillator up to 4MHz @ 2.4V and 6MHz @ 3.6V
Selection Information
ROM (Program ROM) I/O MSC24A 24K x 8-bit (24K x 8-bit) 12 MSC12A 12K x 8-bit (12K x 8-bit) 12
Application Field
Toy controller General IR controller
This document contains information on a new product under development by MEGAWIN. MEGAWIN reserves the right to change or discontinue this product without notice. MEGAWIN Technology Co., Ltd. 2004 All right reserved. 2004/06 version A1
MEGAWIN


▲Up To Search▲   

 
Price & Availability of MSC24A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X