|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PIC GmbH * Nibelungenstr. 5A 90530 Wendelstein, Germany Phone +49 911 99 59 06-0 Fax +49 911 99 59 06-99 info@pic-gmbh.com * www.pic-gmbh.com Reed Sensor * pitch 17.78 mm Electrical Characteristics Contact form Contact rating max. Switching current max. Carry current max. Switching voltage max. Breakdown voltage min. Contact resistance (initial) max. Insulation resistance min. Capacitance typ. W / VA A A VDC VAC VDC m pF A 10 1.0 1.2 200 140 240 100 1010 0.5 MS-107-3 Pb Lead free Magnetical Characteristics Pull in range available 1 1 AT 10-25 AT range stated for unmodified Reed Switch Operating Characteristics Operate time (incl. bounce) max. Release time max. Switching frequency max. Resonant frequency typ. Vibration (50-2000 Hz) Shock (1/2 sin 11 ms) Operating temperature ms ms Hz Hz g g C 1.0 0.4 500 4,000 20 100 -20 to +85 Dimensions in mm R 1.65 typ. 19.7 3.3 0.1 4.2 -0.1 2.9 +0.5/-0.3 17.78 0.4 0.5 Ordering Information Series MS-107-3 AT Range 1 = 10-15 / 2 = 15-20 / 3 = 20-25 Ordering example: MS-107-3-2 describes MS-107-3 with 15-20 AT Customizes types available. PIC GmbH, Nurnberg (GERMANY) ms1073_e Rev. 2.1 (003) Page 1 of 1 |
Price & Availability of MS-107-3-1 |