Part Number Hot Search : 
MB351 P56AF F050T 74HC37 SZ453A LM2931A ADE324 FR16B02
Product Description
Full Text Search
 

To Download MC78L05BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
Micro Commercial Components 20736 Marilla Street Chatsworth CA91311 Phone : (818)-701-4933 Fax: (818)-701-4939
MC78L05BP
* * * *
Features
*
&&'(
)
*+
, -.%
/0&, Case Material:Molded Plastic. UL Flammability Classificatio Rating 94-0 and MSL Rating 1 Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
1 ) ) """"5 "33"""53
o o


1
A
Maximum Ratings
&1
(123 1 *
(4&)
&
()
&/
(
TO-92
E
Electrical Characteristics( Vi=10V, IO=40mA, 0 C Parameter

B
Sym
Min
!1
Typ
+ !1
Max
%
Test conditions








,-./,- .
,-


! "#$ #$ &#$ '#()$ &&$ '#()$ &&$ *$ #( "# "0)#$ 2&
C

""
D
1. OUT 2. GND 3. IN G
DIMENSIONS
123
7-86

,,9 &
:6
,

,&,:
,
: (&
)6

Input Cin 0.33F MC78L05BP Output CO 0.1F
DIM A B C D E G
INCHES MIN .175 .175 .500 .016 .135 .095
MAX .185 .185 --.020 .145 .105
MM MIN 4.45 4.46 12.7 0.41 3.43 2.42
MAX 4.70 4.70 --0.63 3.68 2.67
NOTE
www.mccsemi.com
Revision:4
1 of 3
2010/05/04
MC78L05BP
Figure 1. Representative Schematic Diagram
15k Q1 3.8k Q4 Q6 Q3 Q5 Q11 Q12 Q10 5.0k 3.0 0-25k 19k C Z1 420 Q2 Q7 1.0k Ground Q8 2.2k Q9 2.85k Output Input
MCC
Micro Commercial Components
TM
1.2k
1.9k
www.mccsemi.com
Revision: 4
2 of 3
2010/05/04
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-AP (Part Number)-BP Packing Ammo Packing;2Kpcs/AmmoBox Bulk;1Kpcs/Bag
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the expresse written approval of Micro Commercial Components Corporation.
www.mccsemi.com
Revision: 4
3 of 3
2010/05/04
3


▲Up To Search▲   

 
Price & Availability of MC78L05BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X