Part Number Hot Search : 
55651003 DS3070W MAX8543 SSP1TKQ AOT414 PIC16C56 CZ5358B LT17971
Product Description
Full Text Search
 

To Download MBR30100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
MBR30100CT
Features
* * * * Metal of siliconrectifier, majonty carrier conducton Guard ring for transient protection Low power loss high efficiency High surge capacity, High current capability
Maximum Ratings
* * Operating J unct ion Temperature: - 5 5C to +150C Storage Temperature: - 5 5C to +150C Device Marking Maximum RMS Voltage 70V Maximum DC Blocking Voltage 100V Maximum Catalog Recurrent Number Peak Reverse Voltage MBR30100CT MBR30100CT 100V
30 Amp Schottky Barrier Rec tif ier 100 Volts
TO-220AB
B C K E L M D A
F G I J N HH PIN 1 PIN 2 CASE
MM 14.22 9.65 2.54 5.84 9.65 -----12.70 2.29 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 2.79 1.14 0.64 4.09 4.83 1.40 2.92
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage IF(AV) IFSM 30A 250A TC = 125C 8.3ms, half sine
A B C D E F G H I J K L M N
PIN 3
VF Maximum DC Reverse Current At Rated DC Blocking Voltage
.85V
TJ = 25C IFM = 15A;
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .090 .110 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
IR
500uA 7mA
TJ = 25C TJ = 125C
www.cnelectr.com
RATING AND CHARACTERISTIC CURVES MBR30100CT
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
40
Figure 2 Peak Forward Surge Current 400 350 300
30
20
250
10
RESISTIVE OR INDUCTIVE LOAD
Amps
200 100 0 1 2 4 6 8 10 20 Cycles 40 60 80 100
0
25
50
75
100
125
150
175
Figure 3 Typical Reverse Characteristics 100
Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles
Figure 4 Typical Forward Characteristics 200
10
100 60 40 20 25C
1.0 mAmps TA=125C
Amps 10 6 4 2 1
.1
.6 .4 .2 TA=25C .1 0.6 0.8 1.0 Volts 40 60 80 Volts 100 120 140 Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 1.2 1.4 1.5
.01 20
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of MBR30100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X