|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only ROUND TYPE LED LAMPS Pb Lead-Free Parts LUR2340-PF DATA SHEET DOC. NO : REV. DATE : : QW0905- LUR2340-PF A 21 - Apr. - 2006 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LUR2340-PF Page 1/5 Package Dimensions 3.0 5.0 1.5MAX 25.0MIN 0.5 TYP 1.0MIN 2.54TYP + - Note : 1.All dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice. Directivity Radiation 0 -30 30 -60 60 100% 75% 50% 25% 0 25% 50% 75% 100% LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LUR2340-PF Page 2/5 Absolute Maximum Ratings at Ta=25 Ratings Parameter Symbol UR Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Reverse Current @5V Operating Temperature Storage Temperature IF IFP PD Ir Topr Tstg 40 120 120 10 -40 ~ +85 -40 ~ +100 mA mA mW UNIT A Typical Electrical & Optical Characteristics (Ta=25 ) PART NO MATERIAL Emitted COLOR Peak wave length Pnm Forward Spectral voltage halfwidth @ 20mA(V) nm Luminous intensity @20mA(mcd) Viewing angle 21/2 (deg) Lens Red Diffused Min. Max. Min. Typ. 660 20 1.5 2.4 350 550 80 LUR2340-PF GaAlAs Red Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The luminous intensity data did not including 15% testing tolerance. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LUR2340-PF Page3/5 Typical Electro-Optical Characteristics Curve UR CHIP Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current 1000 3.0 Forward Current(mA) 100 10 1 01 1.0 2.0 3.0 4.0 5.0 Relative Intensity Normalize @20mA 2.5 2.0 1.5 1.0 0.5 0.0 1 10 100 1000 Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature 1.2 Forward Current(mA) Fig.4 Relative Intensity vs. Temperature Forward Voltage@20mA Normalize @25 Relative Intensity@20mA Normalize @25 -40 -20 0 20 40 60 80 100 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100 1.1 1.0 0.9 0.8 Ambient Temperature() Ambient Temperature() Fig.5 Relative Intensity vs. Wavelength Relative Intensity@20mA 1.0 0.5 0.0 600 650 700 750 Wavelength (nm) LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LUR2340-PF Page 4/5 Soldering Condition(Pb-Free) 1.Iron: Soldering Iron:30W Max Temperature 350 C Max Soldering Time:3 Seconds Max(One Time) Distance:2mm Min(From solder joint to body) 2.Wave Soldering Profile Dip Soldering Preheat: 120C Max Preheat time: 60seconds Max Ramp-up 2 C/sec(max) Ramp-Down:-5 C/sec(max) Solder Bath:260C Max Dipping Time:3 seconds Max Distance:2mm Min(From solder joint to body) Temp( C) 260 C3sec Max 260 5 /sec max 120 2 /sec max Preheat 60 Seconds Max 25 0 0 50 100 150 Time(sec) LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LUR2340-PF Page 5/5 Reliability Test: Test Item Test Condition 1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs) Description This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. Reference Standard MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1 Operating Life Test High Temperature Storage Test 1.Ta=105 5 2.t=1000 hrs (-24hrs, +72hrs) The purpose of this is the resistance of the device which is laid under condition of high temperature for hours. MIL-STD-883:1008 JIS C 7021: B-10 Low Temperature Storage Test 1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs) The purpose of this is the resistance of the device which is laid under condition of low temperature for hours. JIS C 7021: B-12 High Temperature High Humidity Test 1.Ta=65 5 2.RH=90 %~95% 3.t=240hrs 2hrs The purpose of this test is the resistance of the device under tropical for hours. MIL-STD-202:103B JIS C 7021: B-11 Thermal Shock Test 1.Ta=105 5&-405 (10min) (10min) 2.total 10 cycles The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011 Solder Resistance Test 1.T.Sol=260 5 2.Dwell time= 10 1sec. MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1 Solderability Test 1.T.Sol=230 5 2.Dwell time=5 1sec This test intended to see soldering well performed or not. MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2 |
Price & Availability of LUR2340-PF |