Part Number Hot Search : 
BY44810 SB112 PVB5VBW 2N6847 HC0901A SG685809 LBN14008 SSH20N45
Product Description
Full Text Search
 

To Download LP16-1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER TRANSFORMER
1. CONFIGURATION & DIMENSIONS :
LP16-1500 (F) SERIES
48.20 (1.898)
1.00 (0.041)
6.00 (0.236) Ref.
1 2
5
A
6
B
B
W
3
7
H Max.
4
8
13.70 (0.539)
PCB Pattern
L
UNIT : mm (inch) SIZE 24 L 70.00 (2.756) W 56.50 (2.224) H 31.80 (1.252) A 49.20 (1.937) B 15.00 (0.591) gram 425.24
2. SCHEMATIC :
3 7
Primaries 4 115/230V 50/60Hz 2
8 6
1 indicates polarity
5
3. ELECTRICAL CHARACTERISTICS ( @ 25C ) : a. Primary Voltage b. NO Load Primary Current Input AC 115V 60Hz . Input AC 230V 50Hz . c. Secondary Voltage (5%) d. Secondary Load Current e. Full Load Primary Current Input AC 115V 60Hz . Input AC 230V 50Hz . f. Full Load Secondary Voltage (5%) g. DC Resistance Pin 1-2 Pin 3-4 Pin 5-6 Pin 7-8 h. Insulation Resistance i. Withstand Voltage (Hi-Pot) j. Temperature Rise k. Core Size AC 115/230 V 50/60 Hz . Less Than 70mA . Less Than 70mA . Series AC - V . Parallel AC - V . Series 1500mA . Parallel 3000mA . Less Than - mA . Less Than - mA . Series 16.00V . Parallel 8.00V . Primary = 62 Ohm . = 62 Ohm . Secondary = - Ohm . = - Ohm . DC 500V 100Meg Ohm Of More . AC 1500V 60Hz 1 Minutes . Less Than 60 Deg C . UI-43 x 14.50 m/m .
NOTE : Specifications subject to change without notice. Please check our website for latest information.
B
B
PC terminal plug-in mounting
05.06.2008
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1


▲Up To Search▲   

 
Price & Availability of LP16-1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X