Part Number Hot Search : 
GZ7C3D8 A3951SB C4686A H11L2M 1N3311B AS393P 30L30CT KBJ10005
Product Description
Full Text Search
 

To Download LP12-1900 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER TRANSFORMER
1. CONFIGURATION & DIMENSIONS :
LP12-1900 (F) SERIES
48.20 (1.898)
1.00 (0.041)
6.00 (0.236) Ref.
1 2
5
A
6
B
B
W
3
7
H Max.
4
8
13.70 (0.539)
PCB Pattern
L
UNIT : mm (inch) SIZE 24 L 70.00 (2.756) W 56.50 (2.224) H 31.80 (1.252) A 49.20 (1.937) B 15.00 (0.591) gram 425.24
2. SCHEMATIC :
3 7
Primaries 4 115/230V 50/60Hz 2
8 6
1 indicates polarity
5
3. ELECTRICAL CHARACTERISTICS ( @ 25C ) : a. Primary Voltage b. NO Load Primary Current Input AC 115V 60Hz . Input AC 230V 50Hz . c. Secondary Voltage (5%) d. Secondary Load Current e. Full Load Primary Current Input AC 115V 60Hz . Input AC 230V 50Hz . f. Full Load Secondary Voltage (5%) g. DC Resistance Pin 1-2 Pin 3-4 Pin 5-6 Pin 7-8 h. Insulation Resistance i. Withstand Voltage (Hi-Pot) j. Temperature Rise k. Core Size AC 115/230 V 50/60 Hz . Less Than 70mA . Less Than 90mA . Series AC 15.0V . Parallel AC 7.5V . Series 1900mA . Parallel 3800mA . Less Than 250mA . Less Than 150mA . Series 12.60V . Parallel 6.30V . Primary = 62 Ohm . = 62 Ohm . Secondary = 0.34 Ohm . = 0.34 Ohm . DC 500V 100Meg Ohm Of More . AC 1500V 60Hz 1 Minutes . Less Than 60 Deg C . UI-43 x 14.50 m/m .
NOTE : Specifications subject to change without notice. Please check our website for latest information.
B
B
PC terminal plug-in mounting
05.06.2008
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1


▲Up To Search▲   

 
Price & Availability of LP12-1900

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X