Part Number Hot Search : 
P2500 GP407 74AHC1G 855954 PE8008 1N4622 MAX1665S 74HC21N
Product Description
Full Text Search
 

To Download KSB13003HR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSB13003HR 0
KSB13003HR
SEMIHOW REV.A0,Oct 2007
KSB13003HR 0
KSB13003HR
High Voltage Switch Mode Application g g pp
* High voltage, High speed power switching * Suitable for Electronic Ballast up to 21W
1.5 Amperes NPN Silicon Power Transistor 1.1 Watts
Absolute Maximum Ratings
CHARACTERISTICS Collector-Base Voltage Collector-Emitter Collector Emitter Voltage Emitter-Base Voltage Collector Current(DC) Collector Current(Pulse) Base Current Collector Dissipation(Tc=25) Junction Temperature Storage Temperature
TC=25 unless otherwise noted SYMBOL VCBO VCEO VEBO IC ICP IB PC TJ TSTG RATING 900 530 9 1.5 3 0.75 1.10 150 -55~150 UNIT V V V A A A W
TO-92 1. Emitter 2. Collector 3. Base
3 1 2
Electrical Characteristics
CHARACTERISTICS Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter Cut-off Current *DC Current Gain *Collector-Emitter Saturation Voltage *Base-Emitter Saturation Voltage Output Capacitance Current Gain Bandwidth Product Turn on Time Storage Time Fall Time
* Pulse Test: Pulse Width300s, Duty Cycle2%
TC=25 unless otherwise noted SYMBOL VCBO VCEO IEBO hFE1 hFE2 VCE(sat) VBE(sat) Cob fT ton tstg tF Test Condition IC=500A, IE=0 IC=10mA, IB=0 VEB=9.0V, IC=0 VCE=10V,IC=0.4A VCE=10V,IC=1A IC=0.5A,IB=0.1A IC=1.5A,IB=0.5A IC=0.5A,IB=0.1A
VCB=10V, f=0.1MHz
Min 900 530
Typ.
Max
Unit V V
10 20 6 40 0.8 2.5 1.0 21 4 1.1 4.0 0.7
V V V
VCE=10V,IC=0.1A Vcc=125V, Ic=2A IB1=0.2A, IB2= -0.2A RL=125
Note.
R hFE1 Classification O Y 20 ~ 30 25 ~ 35 30 ~ 40
Package Mark information.
S HR 13003 YWW Z S YWW Z SemiHow Symbol Y; year code, WW; week code hFE1 Classification
SEMIHOW REV.A0,Oct 2007
KSB13003HR 0
Typical Characteristics
Vce = 10v
SEMIHOW REV.A0,Oct 2007
KSB13003HR 0
Typical Characteristics
10
1.6
IC[A], COLLECTOR CU URRENT
IC[A], COLLECTOR CUR RRENT
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
RB2 = 0, IB1 = 1A VCC=10V, L = 50mH
1
100m
10m
VBE(OFF) = - 5V
1m 1 10 100 1000
0
200
400
600
800
1000
VCE[V].COLLECTOR EMITTER VCE[V].COLLECTOR-EMITTER VOLTAGE
VCE[V], COLLECTOR-EMITTER VOLTAGE COLLECTOR EMITTER
SEMIHOW REV.A0,Oct 2007
KSB130 003HR
Package Dimension
TOTO-92
4.580.25 4.580.25
3
3.710.2
4
0.460.1 14.470.5 7 1.27typ 1 27t 1.27typ 3.60.25
1.020.1 25 3.710.2
Dimensions in Millimeters
SEMIHOW REV.A0,Oct 2007
KSB130 003HR
Package Dimension
TOTO-92 TAPING
W2
W
W1 W0
D0
F1 F2
P1
P
P2
Item Component pitch Side lead to center of feed hole Center lead to center of feed hole Lead pitch Carrier Tape width Adhesive tape width Tape feed hole location
Adhesive tape position
Symbol P P1 P2 FI,F2 W W0 W1 W2 H H0 H1 D0
Dimension [mm] Reference 12.7 3.85 6.35 2.5 18.0 6.0 9.0 1.0 MAX 19.5 16.0 27.0 max 4.0 0.2 1 0.5 Tolerance 0.5 0.5 0.5 +0.2/-0.1 +1.0/-0.5 0.5 0.5
Center of feed hole to bottom of component Center of feed hole to lead form
Component height Tape feed hole diameter
H0
H
SEMIHOW REV.A0,Oct 2007
H1


▲Up To Search▲   

 
Price & Availability of KSB13003HR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X