Part Number Hot Search : 
MBR05 ZMM5267B 101MH SDS19WK BSERIES 2SA1494 C5571 VSK72
Product Description
Full Text Search
 

To Download IRLS4030-7PPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -97371
IRLS4030-7PPBF
Applications l DC Motor Drive l High Efficiency Synchronous Rectification in SMPS l Uninterruptible Power Supply l High Speed Power Switching l Hard Switched and High Frequency Circuits Benefits l Optimized for Logic Level Drive l Very Low RDS(ON) at 4.5V VGS l Superior R*Q at 4.5V VGS l Improved Gate, Avalanche and Dynamic dV/dt Ruggedness l Fully Characterized Capacitance and Avalanche SOA l Enhanced body diode dV/dt and dI/dt Capability l Lead-Free
G
HEXFET(R) Power MOSFET
D
G S
VDSS RDS(on) typ. max. ID
D
100V 3.2m 3.9m 190A
S G S S
S
S
D2Pak 7 Pin
D
S
Gate
Drain
Source
Absolute Maximum Ratings
Symbol
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS dv/dt TJ TSTG
Parameter
Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current c Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery e Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds (1.6mm from case) Mounting torque, 6-32 or M3 screw
Max.
190 130 750 370 2.5 16 13 -55 to + 175 300 10lbxin (1.1Nxm) 320 See Fig. 14, 15, 22a, 22b
Units
A W W/C V V/ns C
Avalanche Characteristics
EAS (Thermally limited) IAR EAR Single Pulse Avalanche Energy d Avalanche Current c Repetitive Avalanche Energy f mJ A mJ
Thermal Resistance
Symbol
RJC RJA
Parameter
Junction-to-Case jk Junction-to-Ambient (PCB Mount) ij
Typ.
--- ---
Max.
0.40 40
Units
C/W
www.irf.com
1
02/12/09
IRLS4030-7PPBF
Static @ TJ = 25C (unless otherwise specified)
Symbol Parameter Min. Typ. Max. Units
100 --- --- --- 1.0 --- --- --- ---
---
Conditions
V(BR)DSS Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) IDSS IGSS RG(int) Gate Threshold Voltage Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Internal Gate Resistance
--- 0.10 3.2 3.3 --- --- --- --- --- 2.0
--- --- 3.9 4.1 2.5 20 250 100 -100 ---
V VGS = 0V, ID = 250A V/C Reference to 25C, ID = 5mAc m VGS = 10V, ID = 110A f VGS = 4.5V, ID = 94A f V VDS = VGS, ID = 250A A VDS = 100V, VGS = 0V VDS = 100V, VGS = 0V, TJ = 125C nA VGS = 16V VGS = -16V
Dynamic @ TJ = 25C (unless otherwise specified)
Symbol
gfs Qg Qgs Qgd Qsync td(on) tr td(off) tf Ciss Coss Crss Coss eff. (ER) Coss eff. (TR)
Parameter
Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Total Gate Charge Sync. (Qg - Qgd) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. Typ. Max. Units
S nC
Conditions
VDS = 25V, ID = 110A ID = 110A VDS = 50V VGS = 4.5V f ID = 110A, VDS =0V, VGS = 4.5V VDD = 65V ID = 110A RG = 2.7 VGS = 4.5V f VGS = 0V VDS = 50V = 1.0MHz VGS = 0V, VDS = 0V to 80V h VGS = 0V, VDS = 0V to 80V g
250 --- --- --- 93 140 --- 27 --- --- 43 --- --- 50 --- --- 53 --- --- 160 --- --- 110 --- --- 87 --- --- 11490 --- --- 680 --- --- 300 --- Effective Output Capacitance (Energy Related)h --- 760 --- --- 1170 --- Effective Output Capacitance (Time Related)g
ns
pF
Diode Characteristics
Symbol
IS ISM VSD trr Qrr IRRM ton
Parameter
Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) c Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Forward Turn-On Time
Min. Typ. Max. Units
--- --- --- --- 190 750 A
Conditions
MOSFET symbol showing the integral reverse
G D
S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 110A, VGS = 0V f VR = 85V, --- 53 --- ns TJ = 25C TJ = 125C IF = 110A --- 63 --- di/dt = 100A/s f --- 99 --- nC TJ = 25C TJ = 125C --- 155 --- --- 3.3 --- A TJ = 25C Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes: Repetitive rating; pulse width limited by max. junction temperature. Limited by TJmax, starting TJ = 25C, L = 0.05mH RG = 25, IAS = 110A, VGS =10V. Part not recommended for use above this value . ISD 110A, di/dt 1520A/s, VDD V(BR)DSS, TJ 175C. Pulse width 400s; duty cycle 2%.
Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff. (ER) is a fixed capacitance that gives the same energy as When mounted on 1" square PCB (FR-4 or G-10 Material). For recom R is measured at TJ approximately 90C. RJC value shown is at time zero.
Coss while VDS is rising from 0 to 80% VDSS. mended footprint and soldering techniques refer to application note #AN-994.
2
www.irf.com
IRLS4030-7PPBF
1000
TOP VGS 10V 5.0V 4.5V 4.0V 3.5V 3.0V 2.7V 2.5V
1000
TOP VGS 10V 5.0V 4.5V 4.0V 3.5V 3.0V 2.7V 2.5V
ID, Drain-to-Source Current (A)
100
BOTTOM
ID, Drain-to-Source Current (A)
BOTTOM
100
10 2.5V
2.5V
60s PULSE WIDTH
Tj = 25C 1 0.1 1 10 100 1000 V DS, Drain-to-Source Voltage (V) 10 0.1 1
60s PULSE WIDTH
Tj = 175C 10 100 1000
V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
1000
Fig 2. Typical Output Characteristics
3.0
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID, Drain-to-Source Current (A)
100
T J = 175C
2.5
ID = 110A VGS = 10V
2.0
10
T J = 25C
1.5
1 VDS = 25V 60s PULSE WIDTH 0.1 1 2 3 4 5
1.0
0.5 -60 -40 -20 0 20 40 60 80 100120140160180 T J , Junction Temperature (C)
VGS, Gate-to-Source Voltage (V)
Fig 3. Typical Transfer Characteristics
100000
VGS = 0V, f = 1 MHZ C iss = C gs + C gd, C ds SHORTED C rss = C gd C oss = C ds + C gd
Fig 4. Normalized On-Resistance vs. Temperature
5.0 ID= 110A
VGS, Gate-to-Source Voltage (V)
4.0
VDS= 80V VDS= 50V
C, Capacitance (pF)
10000
Ciss
3.0
1000
Coss Crss
2.0
1.0
100 1 10 100 1000 VDS, Drain-to-Source Voltage (V)
0.0 0 20 40 60 80 100 120 QG, Total Gate Charge (nC)
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
www.irf.com
3
IRLS4030-7PPBF
1000 T J = 175C 100 10000 OPERATION IN THIS AREA LIMITED BY R DS(on) 1000
100sec
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
100
1msec
10
T J = 25C
10
10msec
DC 1 Tc = 25C Tj = 175C Single Pulse 1 10 100 1000
1 VGS = 0V 0.1 0.0 0.5 1.0 1.5 2.0 VSD, Source-to-Drain Voltage (V)
0.1 VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
V(BR)DSS , Drain-to-Source Breakdown Voltage (V)
200 180 160
ID, Drain Current (A)
Fig 8. Maximum Safe Operating Area
125 Id = 5mA 120 115 110 105 100 95 -60 -40 -20 0 20 40 60 80 100120140160180 T J , Temperature ( C )
140 120 100 80 60 40 20 0 25 50 75 100 125 150 175 T C , Case Temperature (C)
Fig 9. Maximum Drain Current vs. Case Temperature
4.0 3.5 3.0
Energy (J)
Fig 10. Drain-to-Source Breakdown Voltage
1400
EAS , Single Pulse Avalanche Energy (mJ)
1200 1000 800 600 400 200 0
ID 12A 16A BOTTOM 110A TOP
2.5 2.0 1.5 1.0 0.5 0.0 -20 0 20 40 60 80 100 120
25
50
75
100
125
150
175
Fig 11. Typical COSS Stored Energy
VDS, Drain-to-Source Voltage (V)
Starting T J , Junction Temperature (C)
Fig 12. Maximum Avalanche Energy vs. DrainCurrent
4
www.irf.com
IRLS4030-7PPBF
1
Thermal Response ( Z thJC ) C/W
D = 0.50 0.1 0.20 0.10 0.05 0.02 0.01
J
0.01
R1 R1
J 1 2
R2 R2
C C
Ri (C/W) i (sec) 0.176 0.000343 0.227 0.006073
1
2
0.001 SINGLE PULSE ( THERMAL RESPONSE )
C i= i/R i Ci= i/Ri
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc 0.0001 0.001 0.01 0.1
0.0001 1E-006
1E-005
t1 , Rectangular Pulse Duration (sec)
Fig 13. Maximum Effective Transient Thermal Impedance, Junction-to-Case
1000
Duty Cycle = Single Pulse
Avalanche Current (A)
100
0.01 0.05 0.10
Allowed avalanche Current vs avalanche pulsewidth, tav, assuming Tj = 150C and Tstart =25C (Single Pulse)
10
1 Allowed avalanche Current vs avalanche pulsewidth, tav, assuming j = 25C and Tstart = 150C. 0.1 1.0E-06 1.0E-05 1.0E-04 tav (sec) 1.0E-03 1.0E-02 1.0E-01
Fig 14. Typical Avalanche Current vs.Pulsewidth
400 TOP Single Pulse BOTTOM 1.0% Duty Cycle ID = 110A
300
200
100
Notes on Repetitive Avalanche Curves , Figures 14, 15: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of Tjmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 16a, 16b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25C in Figure 14, 15). tav = Average time in avalanche. D = Duty cycle in avalanche = tav *f ZthJC(D, tav) = Transient thermal resistance, see Figures 13)
175
EAR , Avalanche Energy (mJ)
0 25 50 75 100 125 150 Starting T J , Junction Temperature (C)
PD (ave) = 1/2 ( 1.3*BV*Iav) = DT/ ZthJC Iav = 2DT/ [1.3*BV*Zth] EAS (AR) = PD (ave)*tav
Fig 15. Maximum Avalanche Energy vs. Temperature
www.irf.com
5
IRLS4030-7PPBF
3.0
VGS(th) , Gate threshold Voltage (V)
30 25 20
IRRM (A)
2.5 2.0 1.5 1.0 0.5 0.0 -75 -50 -25 0 25 50 75 100 125 150 175 T J , Temperature ( C )
IF = 75A V R = 85V TJ = 25C TJ = 125C
ID = 250A ID = 1.0A
15 10 5 0 0 200 400 600 800 1000 diF /dt (A/s)
ID = 1.0mA
Fig 16. Threshold Voltage vs. Temperature
30 25 20
IRRM (A)
Fig. 17 - Typical Recovery Current vs. dif/dt
1400
IF = 110A V R = 85V TJ = 25C TJ = 125C
1200 1000
QRR (A)
IF = 75A V R = 85V TJ = 25C TJ = 125C
800 600 400 200 0
15 10 5 0 0 200 400 600 800 1000 diF /dt (A/s)
0
200
400
600
800
1000
diF /dt (A/s)
Fig. 18 - Typical Recovery Current vs. dif/dt
1600 1400 1200 1000
QRR (A)
Fig. 19 - Typical Stored Charge vs. dif/dt
IF = 110A V R = 85V TJ = 25C TJ = 125C
800 600 400 200 0 0 200 400 600 800 1000 diF /dt (A/s)
6
Fig. 20 - Typical Stored Charge vs. dif/dt
www.irf.com
IRLS4030-7PPBF
D.U.T
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
+
RG
* * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
VDD
VDD
+ -
Re-Applied Voltage
Body Diode
Forward Drop
Inductor Curent Inductor Current
Ripple 5% ISD
* VGS = 5V for Logic Level Devices Fig 21. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
V(BR)DSS
15V
tp
DRIVER
VDS
L
RG
VGS 20V
D.U.T
IAS tp
+ V - DD
A
0.01
I AS
Fig 22a. Unclamped Inductive Test Circuit
VDS VGS RG RD
Fig 22b. Unclamped Inductive Waveforms
VDS 90%
D.U.T.
+
- VDD
V10V GS
Pulse Width 1 s Duty Factor 0.1 %
10% VGS
td(on) tr t d(off) tf
Fig 23a. Switching Time Test Circuit
Current Regulator Same Type as D.U.T.
Fig 23b. Switching Time Waveforms
Id Vds Vgs
50K 12V .2F .3F
D.U.T. VGS
3mA
+ V - DS
Vgs(th)
IG
ID
Current Sampling Resistors
Qgs1 Qgs2
Qgd
Qgodr
www.irf.com
Fig 24a. Gate Charge Test Circuit
Fig 24b. Gate Charge Waveform
7
IRLS4030-7PPBF
D2Pak - 7 Pin Package Outline
Dimensions are shown in millimeters (inches)
8
www.irf.com
IRLS4030-7PPBF
D2Pak - 7 Pin Part Marking Information
14
D2Pak - 7 Pin Tape and Reel
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/ Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 02/09
9


▲Up To Search▲   

 
Price & Availability of IRLS4030-7PPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X