Part Number Hot Search : 
05N18 1N4751A AK4309 ML120 FT10M15E 1N6171A MAU122 HER103S
Product Description
Full Text Search
 

To Download HMC223MS800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROWAVE CORPORATION
v01.0300
HMC223MS8
GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
Features
Industry First Low Cost 4.5 - 6 GHz Switch Ultra Small Package: MSOP8 High Input P1dB: +33 dBm Single Positive Supply: +3 to +8V
Typical Applications
The HMC223MS8 is ideal for: * MMDS & WirelessLAN * Portable Wireless * UNII & HiperLAN * Wireless Local Loop
Functional Diagram
General Description
The HMC223MS8 is a low-cost SPDT switch in an 8-lead MSOP package for use in transmit-receive applications. The device can control signals from 4.5 to 6 GHz and is especially suited for 5.2 GHz UNII and 5.8 GHz ISM applications with only 1.2 dB loss. The design provides exceptional power handling performance; input P1dB = +33dBm at 5 Volt bias. RF1 and RF2 are reflective shorts when "Off". Onchip circuitry allows single positive supply operation at very low DC current with control inputs compatible with CMOS and most TTL logic families. No DC blocking capacitors are required on RF I/O ports.
7
SWITCHES - SMT
Electrical Specifications, TA = +25 C, Vdd = +5 Vdc, 50 Ohm System
Parameter Frequency 4.5 - 6.0 GHz 5.1 - 5.4 GHz 5.4 - 5.9 GHz 4.5 - 6.0 GHz 5.1 - 5.4 GHz 5.4 - 5.9 GHz RF Common Return Loss RF1 & RF2 4.5 - 6.0 GHz 5.1 - 5.9 GHz 4.5 - 6.0 GHz 5.1 - 5.9 GHz 4.5 - 6.0 GHz 4.5 - 6.0 GHz 4.5 - 6.0 GHz 4.5 - 6.0 GHz 4.5 - 6.0 GHz 10 25 ns ns 15 22 16 10 11 10 12 27 29 30 32 Min. Typ. 1.2 1.2 1.3 25 26 20 13 15 13 16 31 33 34 36 Max. 1.7 1.6 1.7 Units dB dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm
Inser tion Loss
Isolation
Input Power for 1dB Compression
0/3V Control 0/5V Control 0/3V Control 0/5V Control
Input Third Order Intercept Switching Characteristics
tRISE, tFALL (10/90% RF) tON, tOFF (50% CTL to 10/90% RF)
7 - 94
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
MICROWAVE CORPORATION
v01.0300
HMC223MS8
GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
Insertion Loss
0 -0.5 INSERTION LOSS (dB) -1 -1.5 -2 -2.5 -3 -3.5 -4 3 4 5 FREQUENCY (GHz) 6 7
Isolation
0
-10 ISOLATION (dB)
-20
-30
-40 3 4 5 FREQUENCY (GHz) 6 7
Return Loss
0 -5 RETURN LOSS (dB) S22 -10 -15 -20 -25 S11 RFC -30 3 4 5 FREQUENCY (GHz) 6 7
7
SWITCHES - SMT
7 - 95
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
MICROWAVE CORPORATION
v01.0300
HMC223MS8
GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
Truth Table
*Control Input Voltage Tolerances are 0.2 Vdc.
Bias Vdd (Vdc) 3 3 3 5 5 5 Control Input* A (Vdc) 0 0 Vdd 0 0 Vdd B (Vdc) 0 Vdd 0 0 Vdd 0 Bias Current ldd (uA) 10 10 10 45 45 45 Control Current la (uA) -5 -10 0 -22 -5 -40 Control Current lb (uA) -5 0 -10 -23 -40 -5 Signal Path State RF to RF1 OFF ON OFF OFF ON OFF RF to RF2 OFF OFF ON OFF OFF ON
Absolute Maximum Ratings
Bias Voltage Range (Vdd) Control Voltage Range (A & B) Storage Temperature Operating Temperature -0.2 to +12 Vdc -0.2 to Vdd Vdc -65 to +150 deg C -40 to +85 deg C
Caution: Do not operate in 1dB compression at power levels above +33 dBm and do not "hot switch" power levels greater than +23 dBm (Vdd = +5Vdc). DC blocks are not required at ports RFC, RF1 and RF2.
7
SWITCHES - SMT
Outline Drawing
1. MATERIAL A. PACKAGE BODY: LOW STRESS INJECTION MOLDED PLASTIC, SILICA & SILICONE IMPREGNATED B. LEADFRAME MATERIAL: COPPER ALLOY 2. PLATING: LEAD-TIN SOLDER PLATE 3. DIMENSIONS ARE IN INCHES (MILLIMETERS)
7 - 96
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
MICROWAVE CORPORATION
v01.0300
HMC223MS8
GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
Typical Application Circuit
RF2 RF1
GND
GND
+V
R1
A
B
Vdd
+V
R2 R3
CTL
CMOS
CMOS RF
7
SWITCHES - SMT
7 - 97
Notes: 1. Control Inputs A and B can be driven directly with CMOS logic (HC) with V of 3 to 8 Volts applied to the CMOS logic gates and to pin 4 of the RF switch. 2. Set V to 5 Volts and use HCT series logic to provide a TTL driver interface. 3. Highest RF signal power capability is achieved with V set to +10V. However, the switch will operate properly (but at lower RF power capability) at bias voltages down to +3V. 4. RF ByPass: Do not use RF bypass capacitors on Vdd, A or B ports. Resistors R1, R2, R3 = 100 Ohms should be placed close to the Vdd, A and B ports. Use resistor size 0402 to minimize parasitic inductances and capacitances. 5. DC Blocking capacitors are not required for each RF port. 6. Evaluation PCB available.
See Section 8 for Layout Guidelines Application Note.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com


▲Up To Search▲   

 
Price & Availability of HMC223MS800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X