Part Number Hot Search : 
0100A MA11FAD EDDTRPB MC74VHC1 ILA8133A LA5754MP W921C841 MSKW3034
Product Description
Full Text Search
 

To Download GBJ8M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBJ/KBJ8A thru GBJ/KBJ8M
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
CHENG- YI
ELECTRONIC
REVERSE VOLTAGE -50 to 1000 Volts FORWARD CURRENT -8.0 Amperes
HIKE FOR NO. 6 SCRES
5.16
FEATURES
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop, high current capability Reliable low cost construction utilizing molded plastic technique results in inexpensive product The plastic material has UL flammability classification 94V-O
SPACING
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
CHARACTERISTICS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=100 C (without heatsink)
0
SYMBOL
GBJ KBJ 8A
50 35 50
GBJ KBJ 8B
100 70 100
GBJ KBJ 8D
200 140 200
GBJ KBJ 8G
400 280 400 8.0
2.9
GBJ KBJ 8J
600 420 600
GBJ KBJ 8K
800 560 800
GBJ KBJ 8M
1000 700 1000
UNITS
V V V A
VRRM VRMS VDC I(AV)
Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at 4.0A DC Maximum DC Reverse Current at rated DC Blocking Voltage I2 t Rating for fusing (t<8.3ms) Typical Junction Capacitance per element (Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range R
@ TJ=250C @ TJ=1250C
IFSM
170
A
VF IR I2 t CJ JC TJ TSTG
1.0 5.0 500
120 55 1.6
0
V A A2S
PF
C/W
0
-55 to +150 -55 to +150
C C
0
NOTES: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2. Device mounted on 100mm x 100mm X 1.6mm Cu Plate Heatsink.
GBJ/KBJ8A thru GBJ/KBJ8M
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
RATING AND CHARACTERISTICS CURVES GBJ/KBJ8A THRU GBJ/KBJ8M
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
PEAK FORWARD SURGE CURRENT, AMPERES
180
CHENG- YI
ELECTRONIC
FIG. 1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
6.0
WITH HEATSINK
160
5.0 4.0
140
120
100 80 60 40 20 0 1 2 5 10 20 50 100
Single Half Sine-Wave (JEDEC METHOD)
3.0
WITHOUT HEATSINK
2.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
0.0
0
20
40
60
80
100
0
120
140
CASE TEMPERATURE, C
NUMBER OF CYCLES AT 60Hz
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
100 10
FIG. 4 - TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, (A)
CAPACITANCE, (pF)
1.0
10
0.1
0 TJ=25C, f= 1MHz
0 TJ=25C PULSE WIDTH:300
S
1.0 1.0 4.0 10.0 100
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE, VOLTS
INSTANTANEOUS FORWARD VOLT AGE, VOLTS
FIG. 5 - TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT, ( A)
100
0 TJ=125C
0 TJ=100C
10
TJ=500C
1.0
TJ=250C
0.1 0 20 40 60 80 100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)


▲Up To Search▲   

 
Price & Availability of GBJ8M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X