Part Number Hot Search : 
74HC65 2SD1906 74HC65 AAT4290 PC100 SA8281 86XS19D4 371903
Product Description
Full Text Search
 

To Download GBJ8M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBJ8A thru GBJ8M
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 8.0 Amperes
Features
Glass passivated junction Ideal for printed circuit board Reliable low cost construction Plastic material has Underwriters Laboratory Flammability Classification 94V-0 Surge overload rating to 170 amperes peak High case dielectric strength of 2500VRMS
Mechanical Data
Case: GBJ(5S) Epoxy meets UL-94V-0 Flammability rating Terminals: Leads solderable per MILSTD-750 Method 2026 High temperature soldering guaranteed: 260oC/10 seconds, 0.375 (9.5mm) lead length, 5lbs.(2.3kg) tension Weight: 0.24 ounce, 6.8 grams Mounting torque: 8.17 in. lbs. max.
Typical Applications
General purpose use in ac-to-dc bridge full wave rectification for Switching Power Supply, Home Appliances, Office Equipment, Industrial Automation applications
Package outline dimensions in millimeters
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified output current (See Fig.2) Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for fusing (t<8.3ms) Maximum instantaneous forward voltage drop per leg at 4.0A Maximum DC reverse current at rated DC blocking voltage per leg Typical thermal resistance per leg (Note 2) Dielectric strength (Therminals to case, AC 1 minute) Operating junction and storage temperature range TA=25oC TA=125oC Symbols VRRM VRMS V DC IF(AV) IFSM I2t VF IR RJC VISO TJ, TSTG GBJ8A 50 35 50 GBJ8B 100 70 100 GBJ8D 200 140 200 GBJ8G 400 280 400 8.0 180 120 1.0 5.0 250.0 1.6 2500 -55 to +150
o
GBJ8J 600 420 600
GBJ8K 800 560 800
GBJ8M 1000 700 1000
Units Volts Volts Volts Amps Amps A 2 se c Volt uA C/W
Volts
o
C
Notes:
1. Unit case mounted on AL plate heatsink 2. Unit mounted on P.C.B.with 4"x0.06" (100x100x1.6mm) copper pads and 0.375" (9.5mm) lead length 3. Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
466
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
467


▲Up To Search▲   

 
Price & Availability of GBJ8M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X