Part Number Hot Search : 
HEF4737B M21424 65003 LTI202FP 106K0 60107K RP336LD P6KE350A
Product Description
Full Text Search
 

To Download GBJ8M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBJ8A
Elektronische Bauelemente
THRU
GBJ8M
VOLTAGE -50V ~ 1000V -8 .0 AMP Glass Passivated Bridge Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen-free.
4.6 0.2 30 0.3 3.5 0.2 3.6 0.2 3.2 0.2 2.7 0.2
20 0.3
* Low Forward voltage Drop, High Current Capability * Ldeal For Printed Circuit Board Reliable Low Cost Construction Utilizing * Plastic Technique Results In InexpensiveMolded Product
Plastic Material Has Underw rites * Flammability Classification 94V-0 Laboratory
2.5 0.2 2.2 0.2
5
FEATURES
+
1 0.1
17.5 0.5 0.7 0.1
GBJ 8K
10 0.2 0.2 0.2
7.5
7.5
* Rating To 1000V PRV
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz, For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note2) Rectified Current @ TC=100 (without heatsink) Peak Forward Surge Current, 8.3 ms single half Sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage at 4.0A o Maximum DC Reverse Current Ta=25 C o at Rated DC Blocking Voltage Ta=125 C I2t Rating for fusing (t<8.3ms) Typical Junction Capacitance per element (Note1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC I(AV) IFSM VF IR I2t CJ RJC TJ TSTG
GBJ 8A GBJ 8B GBJ 8D GBJ 8G GBJ 8J GBJ 8M
o
4 0.2
110.2
UNITS V V V A A V A
A2S
50 35 50
100 70 100
200 140 200
400 280 400 8.0 2.8
600 420 600
800 560 800
1000 700 1000
170 1.10 5.0 500 120 0 55 1.8 - 55 ~ + 150 - 55 ~ + 150
o
pF C/W o C o C
NOTES: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Device mounted on 75mm x 75mm x 1.6mm Cu Plate Heatsink.
ht t p:/ /www. SeCoSGmbH. com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
GBJ8A
Elektronische Bauelemente RATING AND CHARACTERISTIC CURVES
8.0 HEAT-SINK MOUNTING,TC (4 4 0.15) INCH COPPER PLATE
THRU
GBJ8M
VOLTAGE -50V ~ 1000V -8 .0 AMP Glass Passivated Bridge Rectifiers
INSTANTANEOUS FORWARD CURRENT, AMPERES
100 40 20 10 4.0 2.0 1.0 TJ=25OC Pulse Width=300 S 1% DULY Cycle
AVERAGE FORWARD CURRENT
6.0
4.0
2.0 MOUNTED ON PC BOARD. TA 0.5"(12.7mm) LEAD LENGTH 60Hz RESISTIVE OR INDUCTIVE LOAD 0 0 50
O
0.4 0.2 0.1 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
100
150
TEMPERATURE C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
ig. 1- DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
Fig. 2- TYPICAL INSTANTANEOUS FORWAR D CHARACTERISITCS PER ELEMENT
10
FPRWARD SURGE CURRENT, AMPERES pk (HALF SINE-WAVE)
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
200
T C =100 C 1.0
O
160
120
80 T A =105 C
O
0.1 T A =25 C
O
40
0.01 0 20 40 60 80 100 120 140
0 1 2 6 10 20 40 60 100
PERCENT OF PEAK REVERSE VOLTAGE
ig. 3- TYPICAL REAK REVERSE CHARACTERISTICS
NO. OF CYCLES AT 60Hz
Fig. 4- MAXIMUM NON-REPETITEVE PEAK FORWARD SURGE CURRENT
400
CAPACITANCE, pF
100 Tj=25 C f=1.0MHz Vsig=50mVp-p
O
50
10
1
5
10
50
REVERSE VOLTAGE, VOLTS
http://www.SeCoSGmbH.com/
100
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of GBJ8M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X