Part Number Hot Search : 
00111 TS4999 BR9069 BR9069 167BZI PST9334U PST9334U 80500
Product Description
Full Text Search
 

To Download FR107G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
FR101G THRU FR107G
FAST RECOVERY PLASTIC RECTIFIER
VOLTAGE50-1000V CURRENT1.0A
FEATURES
*Fast switching *Low leakage *Low forward voltage drop *High current capability *High surge capability *High reliability
DO-41
1.0(25.4) MIN. .205(5.2) .166(4.2) .034(0.9) .028(0.7)
DIA. DIA.
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity:Color band denotes cathode end *Mounting position: Any *Weight: 0.33 grams
.107(2.7) .080(2.0) 1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%.
SYMBOL FR101GFR102G FR103GFR104G FR105GFR106G FR107G
units
V V V A A V
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Current at TA=75C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Instantaneous forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA=25C Maximum Full Load Reverse Current Full Cycle Average,.375"(9.5mm) lead length at TL=75C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Notes:
VRRM VRMS VDC Io IFSM VF
50 35 50
100 70 100
200 140 200
400 280 400 1.0 50 1.3 5.0
600 420 600
800 560 800
1000 700 1000
IR 100 trr CJ 150 15 250 500
A
nS pF
1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0 volts
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of FR107G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X