Part Number Hot Search : 
2SC54 TDA5736M S1045 CD74HC PHC850 MC7912 MBD2004 NJU6318
Product Description
Full Text Search
 

To Download FR107G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR101G THRU FR107G
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.0 Ampere
DO-41
Fast switching for high efficiency Glass passivated chip junction High current surge capability Low leakage High temperature soldering guaranteed 260/10 seconds,0.375"(9.5mm)lead length at 5 lbs (2.3kg) tension
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-0 rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.012ounce, 0.33 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% SYMBOLS FR101G FR102G Maximum Repetitive Peak Reverse Voltage VRRM 50 100 Maximum RMS Voltage VRMS 35 70 Maximum DC Blocking Voltage VDC 50 100
Maximum Average Forward Rectified Current 0.375(9.5mm) lead length at T A =55 Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current at rated TA = 25 DC Blocking Voltage TA = 125 Maximum Reverse Recovery Time(NOTE 3) Typical Junction Capacitance (NOTE 1) Typical Thermal Resistance (NOTE 2) Operating Temperature Range Storage Temperature Range * * *
FR103G 200 140 200
FR104G 400 280 400 1.0 30 1.3 5.0 100
FR105G 600 420 600
FR106G 800 560 800
FR107G 1000 700 1000
UNIT Volts Volts Volts Amp Amps Volts A
I(AV) IFSM VF IR trr CJ RJA TJ TSTG 150
250 15 50 (-55 to +150) (-55 to +150)
500
nS pF
/W
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts. 2. Thermal Resistance from Junction to Ambient at.375(9.5mm) lead length, P.C board mounted. 3. Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR101G THRU FR107G
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.0 Ampere
RATING AND CHRACTERISTIC CURVES FR101G THRU FR107G
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT,
1.2
Single Phase
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE
1.0
30
CURRENT, (A)
0.8
Half Wave 60Hz Resistive or Inductive Load 0.375(9.5mm) Lead Length
8.3ms Single Half Sine-Wave (JEDEC Method) T= Tjmax 20
(A)
0.6
0.4
10
0.2
0 0 25 50 55 75 100 125 150 175 0 1
1 Cycle 40 60 100
2
4
6
8 10
20
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT, INSTANTANEOUS REVERSE CURRENT,
10
FIG.4-TYPICAL REVERSE CHARACTERISTICS
20 10 TJ =125 C
1.0
(A)
(A)
1.0
0.1
TJ =75 C
TJ =25 C Pulse Width=300us 1% Duty Cycle
0.01 0.4
0.1 TJ =25 C
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK FIG.5-TYPICAL JUNCTION CAPACITANCE
100
REVERSE VOLTAGE,(%)
JUNCTION CAPACITANCE,(pF)
F1G.6-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
Trr
50 10 NONINDUCTIVE NONINDUCTIVE (-) 10 (+) 25 Vdc (approx.) (-) TJ =25 C f=1MHz Vsig=50mVp-p D.U.T. PULSE GENERATIOR (NOTE 2) (+) OSCILLOSCOPE (NOTE 1)
+0.5A
0 -0.25A
1 NON INDUCTIVE
-1.0A
1cm
1 0.1 1.0 10 100
REVERSE VOLTAGE,(V)
NOTES : 1.Rise Time=7ns mas. Input Impedance= 1 magohm. 22pF 2.Rise time=10ns max. Source Impedance= 50 ohms
SET TIME BASE FOR 50/100ns/cm
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of FR107G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X