Part Number Hot Search : 
SI3152V 71256 15T1G Z1360AI SW1215 R3060 MUR1605 VTT1015
Product Description
Full Text Search
 

To Download EKI-6538 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EKI-6538
Features

8-port 10/100 Mbps Industrial Smart Ethernet Switch
Provides push button for port diagnostic Supports web browser configuration and RS-232 console Supports IEEE 802.1Q tagged VLAN Supports ports aggregation, aggregated ports auto failed over and load balance per trunk Supports port mirroring for traffic monitoring Supports IEEE 802.1p QoS for traffic classification and prioritization Provides port configuration for auto-negotiation setting of speed/flow control Supports ingress/egress rate control per port and broadcast storm protection Supports MAC-based security per port Supports traffic statistic monitor per port Supports two individual +10 ~ 48 VDC power inputs Supports operating temperatures from 0 ~ 60 C
Introduction
Equipped with 8 10/100Base-TX Fast Ethernet ports with RJ-45 connector, Advantech EKI-6538 Industrial Smart Ethernet Switch presents as a cost-effective solution for the industrial customers to implement Ethernet packet switching with easy configuration of network performance and security in the harsh environment. Besides of the compliance with standard industrial design, like wide dual power input (10 ~ 48 VDC), wide operating temperature (0 ~ 60 C), rugged mechanism design and multiple mounting ways, EKI-6538 plays smarter than other unmanaged switches in the network management: VLAN, QoS, Port Mirroring, and Port Trunk.
Specifications
Communications
Standard LAN I/O Type IEEE 802.3, 802.3ad, 802.3u, 802.3x, 802.1p, 802.1Q 10/100Base-TX 2 Digital Input Logic Level 0 : close to GND Logic Level 1 : open 2 Digital Output - Open collector to 30 V, 200 mA (Max.load) Transmission Distance Up to 100 m Transmission Speed Up to 100 Mbps
Power
Power Consumption Power Input Fault Output Max. 7 W 2 x Unregulated 10 ~ 48 VDC 1 Relay Output
Mechanism
Dimensions (W x H x D) 46 x 162 x 126 mm Enclosure IP30, ABS+PC with solid mounting kits Mounting DIN 35 rail, Wall
Protection
ESD (Ethernet) Surge (EFT for power) Power Reverse Overload 4,000 VDC 3,000 VDC YES 4 A/125 V Replaceable Fuse
Interface
Connectors 8 x RJ-45 (Ethernet) 7-pin removable screw terminal (power) 5-pin removable screw terminal (DI/O) P1, P2, P-Fail, FAULT, LINK, 10/100 Mbps RS-232 (RJ-48)
LED Indicators Console
Environment
Operating Temperature Storage Temperature Operating Humidity Storage Humidity MTBF 0 ~ 60 C (32 ~ 140 F) -10 ~ 70 C (14 ~ 158 F) 20 ~ 95% (non-condensing) 0 ~ 9 5% (non-condensing) 230,000 hrs
Network Management
Diagnostics Push button for port diagnostic Port Mirroring Real-time traffic statistic IEEE 802.1Q tagged VLAN Port-based VLAN Web browser, RS-232 console, Speed/duplex auto-negotiation MAC-based security per port IEEE 802.3ad Link Aggregation Rate limit and storm control IEEE 802.1p QoS IEEE 802.3x flow control
VLAN Configuration Security Traffic Control
Certifications
Safety EMC UL 60950-1, CAN/CSA-C22.2 No.60950 EU: EN55011, EN61000-6-4 EN55022 Class A, EN61000-3-2/3 EN55024 IEC61000-4-2/3/4/5/6/8/11 EN61000-6-2
Ordering Information
EKI-6538 8-port 10/100 Mbps Industrial Smart Ethernet Switch
Industrial Ethernet Solutions


▲Up To Search▲   

 
Price & Availability of EKI-6538

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X