Part Number Hot Search : 
BC850C BLF6G CXA20 4812S FN2459 BAS70W 210EMB 100103
Product Description
Full Text Search
 

To Download CHR2391 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHR2391
RoHS COMPLIANT
12-16GHz Integrated Down Converter
GaAs Monolithic Microwave IC Description
The CHR2391 is a multifunction chip which integrates a LO time two multiplier, a balanced cold FET mixer, and a RF LNA. It is designed for a wide range of applications, typically commercial communication systems. The backside of the chip is both RF and DC grounds. This helps to simplify the assembly process. The circuit is manufactured with a PM-HEMT process, 0.25m gate length, via holes through the substrate and air bridges. It is available in chip form.
Main Features * * * * * * *
Broadband performances : 12.0-16.0GHz 15 dB conversion gain 2dB noise figure 10dBm LO input power Low DC power consumption, 100mA@3.5V Chip size : 2.49 X 2.13 X 0.10 mm
dB 22 20 18 16 14 12 10 8 6 4 2 0 -2 -4 -6 -8 -10 -12 -14 -16
Typical on wafer measurement: Conversion Gain & Image suppression @ IF=0.9 & 1.5GHz
2 LO frequency
-10dBm RF input power (1dB gain comp.)
10,0 10,5 11,0 11,5 12,0 12,5 13,0 13,5 14,0 14,5 15,0 15,5 16,0 16,5 17,0 17,5 RF Frequency GHz
Main Characteristics
Tamb. = 25C Parameter Min Typ Max Unit
FRF FLO FIF Gc
RF frequency range LO frequency range IF frequency range Conversion gain
1/6
12 5.25 0.25 13 +15
16 7.25 1.5
GHz GHz GHz dB
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
Ref. : DSCHR23915263 - 20 Sep 05 Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
12 -16GHz Integrated Down Converter
Electrical Characteristics for Broadband Operation
Tamb = +25C, Vd = 3.5V ,Idl=50mA, Idm=50mA Symbol
FRF FLO FIF Gc NF PLO Img Sup P1dB IP3
CHR2391
Parameter
RF frequency range LO frequency range IF frequency range Conversion gain (1) Noise Figure (1) LO Input power Image Suppression Input power at 1dB gain compression Input IP3
Min
12 5.25 0.25 +13
Typ
Max
16 7.25 1.5
Unit
GHz GHz GHz dB
+15 2. +10 15 -10 2.5 2.0:1 2.0:1 100 130 2.5 +13
dB dBm dBc dBm dBm
LO VSWR Input LO VSWR (1) RF VSWR Input RF VSWR (1) Id Bias current (2)
mA
(1) On Wafer measurements (2) Current source biasing network is recommended. Optimum performances are obtained for Idm=50mA (Id consumption of the X2+buffer; vgb-0.4V) and Idl=50mA(Id consumption for the lna; Vga-0.4V)
Absolute Maximum Ratings
Tamb. = 25C (1) Symbol
Vd Id Vg Vdg Pin Tch Ta Tstg
Parameter
Maximum drain bias voltage Maximum drain bias current Gate bias voltage Maximum drain to gate voltage ( Vd - Vg) Maximum RF peak input power overdrive (2) Maximum channel temperature Operating temperature range Storage temperature range
Values
4.0 180 -2.0 to +0.4 +5 -5 175 -40 to +85 -55 to +125
Unit
V mA V V dBm C C C
(1) Operation of this device above anyone of these parameters may cause permanent damage. (2) Duration < 1s.
Ref. : : DSCHR23915263 - 20 Sep 05 2/6 Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
12 -16GHz Integrated Down Converter
Typical On-wafer Measurements
CHR2391
Bias Conditions : Vdm= Vdl= 3.5 V, Idl= Idm= 50mA( Vga=vgb-0.4V), Vgm= -0.7V, Vgx= -0.6V
Conversion gain & Image suppression with a 90 IQ combiner
22 IF= 0,9GHz 20 18 16 14 12 10 8 6 4 2 0 -2 -4 -6 -8 Infradyne Gain I Image Rejection I -10 -12 Image Rejection Q Infradyne Gain Q -14 -16 10,0 10,5 11,0 11,5 12,0 12,5 13,0 13,5 14,0 14,5 15,0 15,5 16,0 16,5 17,0 RF Frequency GHz
dB
dB
22 IF= 1,5GHz 20 18 16 14 12 10 8 6 4 2 0 -2 -4 -6 -8 Infradyne Gain I Image Rejection I -10 -12 Image Rejection Q Infradyne Gain Q -14 -16 10,0 10,5 11,0 11,5 12,0 12,5 13,0 13,5 14,0 14,5 15,0 15,5 16,0 16,5 17,0 17,5 RF Frequency GHz
3/6 Specifications subject to change without notice
Ref. : : DSCHR23915263 - 20 Sep 05
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
12 -16GHz Integrated Down Converter
CHR2391
Gain compression versus RF input power
20 18 16 14 12 10 8 6 4 2 0 -20 -18 -16 -14 -12 -10 -8 -6
IF=0.9GHz
Conversion Gain dB
IF Output power dBm
-4
-2
0
RF Input power dBm
20 18 16 14 12 10 8 6 4 2 0 -20 -18 -16 -14 -12
4/6
IF=1.5GHz
Conversion Gain dB
IF Output power dBm
-10
-8
-6
-4
-2
0
RF Input power dBm
Ref. : : DSCHR23915263 - 20 Sep 05 Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
12 -16GHz Integrated Down Converter
CHR2391
Chip Assembly and Mechanical Data
To Vg (lna) DC Gate supply
To Vg (mixer) DC Gate supply
To VdL(lna) +VdM(x2+buffer) DC Gate supply
To Vg(Buffer) DC Gate supply
To Vg(multiplier) DC Gate supply
Note : Supply feed should be capacitively bypassed. 25m diameter gold wire is recommended
Bonding pad positions
Chip thickness : 100m
Unit : m Tol : + / - 35m
Ref. : : DSCHR23915263 - 20 Sep 05 5/6 Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
12 -16GHz Integrated Down Converter
CHR2391
Ordering Information
Chip form : CHR2391-99F/00
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors S.A.S. assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use as critical components in life support devices or systems without express written approval from United Monolithic Semiconductors S.A.S.
Ref. : DSCHR23915263 - 20 Sep 05
6/6
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09


▲Up To Search▲   

 
Price & Availability of CHR2391

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X