Part Number Hot Search : 
28F512 SP9501AN HCC4001B 74HC404 IIM7010A TA123 1SS40 MAX7415
Product Description
Full Text Search
 

To Download BUK663R5-55C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUK663R5-55C
N-channel TrenchMOS FET
Rev. 01 -- 3 August 2010 Objective data sheet
1. Product profile
1.1 General description
Intermediate level gate drive N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using advanced TrenchMOS technology. This product has been designed and qualified to the appropriate AEC Q101 standard for use in high performance automotive applications.
1.2 Features and benefits
AEC Q101 compliant Suitable for intermediate level gate drive sources Suitable for thermally demanding environments due to 175 C rating
1.3 Applications
12 V and 24 V Automotive systems ABS/ESP Engine management HVAC Motors, lamps and solenoid control Transmission control Ultra high performance power switching
1.4 Quick reference data
Table 1. Symbol VDS ID Ptot RDSon Quick reference data Parameter drain-source voltage drain current Conditions Tj 25 C; Tj 175 C VGS = 10 V; Tmb = 25 C; see Figure 1
[1]
Min -
Typ 2.7
Max Unit 55 100 263 3.5 V A W m
total power dissipation Tmb = 25 C; see Figure 2 drain-source on-state resistance non-repetitive drain-source avalanche energy VGS = 10 V; ID = 15 A; Tj = 25 C; see Figure 5 ID = 100 A; Vsup 55 V; RGS = 50 ; VGS = 10 V; Tj(init) = 25 C; unclamped
Static characteristics
Avalanche ruggedness EDS(AL)S 551 mJ
[1]
Continuous current is limited by package.
NXP Semiconductors
BUK663R5-55C
N-channel TrenchMOS FET
2. Pinning information
Table 2. Pin 1 2 3 mb Pinning information Symbol Description G D S D gate Drain source mounting base; connected to drain
2 1 3 mb
D
Simplified outline
Graphic symbol
G
mbb076
S
SOT404 (D2PAK)
3. Ordering information
Table 3. Ordering information Package Name BUK663R5-55C D2PAK Description Version plastic single-ended surface-mounted package (D2PAK); 3 leads SOT404 (one lead cropped) Type number
BUK663R5-55C
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 -- 3 August 2010
2 of 11
NXP Semiconductors
BUK663R5-55C
N-channel TrenchMOS FET
4. Limiting values
Table 4. Symbol VDS VGS ID IDM Ptot Tstg Tj IS ISM EDS(AL)S EDS(AL)R Limiting values Parameter drain-source voltage gate-source voltage drain current peak drain current total power dissipation storage temperature junction temperature source current peak source current non-repetitive drain-source avalanche energy repetitive drain-source avalanche energy Tmb = 25 C tp 10 s; pulsed; Tmb = 25 C ID = 100 A; Vsup 55 V; RGS = 50 ; VGS = 10 V; Tj(init) = 25 C; unclamped
[2][3][4] [1]
In accordance with the Absolute Maximum Rating System (IEC 60134).
Conditions Tj 25 C; Tj 175 C Tmb = 25 C; VGS = 10 V; see Figure 1 Tmb = 100 C; VGS = 10 V; see Figure 1 Tmb = 25 C; tp 10 s; pulsed Tmb = 25 C; see Figure 2
[1] [1]
Min -20 -55 -55 -
Max 55 20 100 100 757 263 175 175 100 757 551 -
Unit V V A A A W C C A A mJ J
Source-drain diode
Avalanche ruggedness
[1] [2] [3] [4]
Continuous current is limited by package. Single-pulse avalanche rating limited by maximum junction temperature of 175 C. Repetitive avalanche rating limited by an average junction temperature of 170 C. Refer to application note AN10273 for further information.
200 ID (A) 160
003aac796
120 Pder (%) 80
03na19
120
(1)
80 40 40
0 0 50 100 150 Tmb (C) 200
0
0
50
100
150 Tmb (C)
200
Fig 1.
Continuous drain current as a function of mounting base temperature
Fig 2.
Normalized total power dissipation as a function of mounting base temperature
(c) NXP B.V. 2010. All rights reserved.
BUK663R5-55C
All information provided in this document is subject to legal disclaimers.
Objective data sheet
Rev. 01 -- 3 August 2010
3 of 11
NXP Semiconductors
BUK663R5-55C
N-channel TrenchMOS FET
5. Thermal characteristics
Table 5. Symbol Rth(j-mb) Rth(j-a) Thermal characteristics Parameter thermal resistance from junction to mounting base thermal resistance from junction to ambient Conditions see Figure 3 vertical in free air Min Typ 60 Max 0.57 Unit K/W K/W
1 Zth (j-mb) (K/W)
003aac792
0.5 0.2 0.1 0.05 0.02
P = tp T
10-1
10
-2
single shot
tp T t
10-3 10-6 10-5 10-4 10-3 10-2 10-1 tp (s) 1
Fig 3.
Transient thermal impedance from junction to mounting base as a function of pulse duration
BUK663R5-55C
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 -- 3 August 2010
4 of 11
NXP Semiconductors
BUK663R5-55C
N-channel TrenchMOS FET
6. Characteristics
Table 6. Symbol V(BR)DSS VGS(th) Characteristics Parameter drain-source breakdown voltage gate-source threshold voltage Conditions ID = 250 A; VGS = 0 V; Tj = 25 C ID = 250 A; VGS = 0 V; Tj = -55 C ID = 1 mA; VDS = VGS; Tj = 25 C; see Figure 4 ID = 1 mA; VDS = VGS; Tj = -55 C; see Figure 4 ID = 1 mA; VDS = VGS; Tj = 175 C; see Figure 4 IDSS IGSS RDSon drain leakage current gate leakage current drain-source on-state resistance VDS = 55 V; VGS = 0 V; Tj = 175 C VDS = 55 V; VGS = 0 V; Tj = 25 C VDS = 0 V; VGS = 20 V; Tj = 25 C VDS = 0 V; VGS = -20 V; Tj = 25 C VGS = 5 V; ID = 15 A; Tj = 25 C; see Figure 5 VGS = 10 V; ID = 15 A; Tj = 25 C; see Figure 5 VGS = 4.5 V; ID = 15 A; Tj = 25 C; see Figure 5 VGS = 10 V; ID = 15 A; Tj = 175 C; see Figure 5 Dynamic characteristics QG(tot) QGS QGD Ciss Coss Crss td(on) tr td(off) tf LD LS total gate charge gate-source charge gate-drain charge input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time internal drain inductance internal source inductance from drain lead 6 mm from package to centre of die ; Tj = 25 C from source lead to source bond pad ; Tj = 25 C IS = 25 A; VGS = 0 V; Tj = 25 C IS = 20 A; dIS/dt = -100 A/s; VGS = 0 V; VDS = 25 V
All information provided in this document is subject to legal disclaimers.
Min 55 50 1.5 0.8 -
Typ 2.1 0.02 2 2 [tbd] 2.7 [tbd] -
Max 2.5 2.8 500 1 100 100 [tbd] 3.5 [tbd] 7.4
Unit V V V V V A A nA nA m m m m
Static characteristics
ID = 25 A; VDS = 40 V; VGS = 10 V ID = 25 A; VDS = 40 V; VGS = 5 V ID = 25 A; VDS = 40 V; VGS = 10 V VGS = 0 V; VDS = 25 V; f = 1 MHz; Tj = 25 C
-
[tbd] [tbd] [tbd] [tbd] [tbd] [tbd] [tbd] [tbd] [tbd] [tbd] [tbd] 4.5 7.5
[tbd] [tbd] [tbd] [tbd] [tbd] [tbd] [tbd] [tbd] [tbd] [tbd] [tbd] -
nC nC nC nC pF pF pF ns ns ns ns nH nH
VDS = 30 V; RL = 1.2 ; VGS = 10 V; RG(ext) = 10
Source-drain diode VSD trr Qr
BUK663R5-55C
source-drain voltage reverse recovery time recovered charge
-
0.85 [tbd] [tbd]
1.2 [tbd] [tbd]
V ns nC
(c) NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 -- 3 August 2010
5 of 11
NXP Semiconductors
BUK663R5-55C
N-channel TrenchMOS FET
3 VGS(th) (V) 2.25 typ
003aad001
2 a
03ne89
max
1.5
1.5
min
1
0.75
0.5
0 -60
0
60
120
Tj ( C)
180
0 -60
0
60
120
Tj (C)
180
Fig 4.
Gate-source threshold voltage as a function of junction temperature
Fig 5.
Normalized drain-source on-state resistance factor as a function of junction temperature
BUK663R5-55C
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 -- 3 August 2010
6 of 11
NXP Semiconductors
BUK663R5-55C
N-channel TrenchMOS FET
7. Package outline
Plastic single-ended surface-mounted package (D2PAK); 3 leads (one lead cropped)
SOT404
A E A1 mounting base
D1
D
HD
2
Lp
1
3
b c Q
e
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.50 4.10 A1 1.40 1.27 b 0.85 0.60 c 0.64 0.46 D max. 11 D1 1.60 1.20 E 10.30 9.70 e 2.54 Lp 2.90 2.10 HD 15.80 14.80 Q 2.60 2.20
OUTLINE VERSION SOT404
REFERENCES IEC JEDEC JEITA
EUROPEAN PROJECTION
ISSUE DATE 05-02-11 06-03-16
Fig 6.
Package outline SOT404 (D2PAK)
BUK663R5-55C
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 -- 3 August 2010
7 of 11
NXP Semiconductors
BUK663R5-55C
N-channel TrenchMOS FET
8. Revision history
Table 7. Revision history Release date 20100803 Data sheet status Objective data sheet Change notice Supersedes Document ID BUK663R5-55C v.1
BUK663R5-55C
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 -- 3 August 2010
8 of 11
NXP Semiconductors
BUK663R5-55C
N-channel TrenchMOS FET
9. Legal information
9.1 Data sheet status
Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Please consult the most recently issued document before initiating or completing a design. The term 'short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
9.2
Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. Product specification -- The information and data provided in a Product data sheet shall define the specification of the product as agreed between NXP Semiconductors and its customer, unless NXP Semiconductors and customer have explicitly agreed otherwise in writing. In no event however, shall an agreement be valid in which the NXP Semiconductors product is deemed to offer functions and qualities beyond those described in the Product data sheet.
Suitability for use in automotive applications -- This NXP Semiconductors product has been qualified for use in automotive applications. The product is not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Customers are responsible for the design and operation of their applications and products using NXP Semiconductors products, and NXP Semiconductors accepts no liability for any assistance with applications or customer product design. It is customer's sole responsibility to determine whether the NXP Semiconductors product is suitable and fit for the customer's applications and products planned, as well as for the planned application and use of customer's third party customer(s). Customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. NXP Semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer's applications or products, or the application or use by customer's third party customer(s). Customer is responsible for doing all necessary testing for the customer's applications and products using NXP Semiconductors products in order to avoid a default of the applications and the products or of the application or use by customer's third party customer(s). NXP does not accept any liability in this respect. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) will cause permanent damage to the device. Limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the Recommended operating conditions section (if present) or the Characteristics sections of this document is not warranted. Constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. Terms and conditions of commercial sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, unless otherwise agreed in a valid written individual agreement. In case an individual
(c) NXP B.V. 2010. All rights reserved.
9.3
Disclaimers
Limited warranty and liability -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. In no event shall NXP Semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. Notwithstanding any damages that customer might incur for any reason whatsoever, NXP Semiconductors' aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the Terms and conditions of commercial sale of NXP Semiconductors. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof.
BUK663R5-55C
All information provided in this document is subject to legal disclaimers.
Objective data sheet
Rev. 01 -- 3 August 2010
9 of 11
NXP Semiconductors
BUK663R5-55C
N-channel TrenchMOS FET
agreement is concluded only the terms and conditions of the respective agreement shall apply. NXP Semiconductors hereby expressly objects to applying the customer's general terms and conditions with regard to the purchase of NXP Semiconductors products by customer. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities.
9.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners. Adelante, Bitport, Bitsound, CoolFlux, CoReUse, DESFire, EZ-HV, FabKey, GreenChip, HiPerSmart, HITAG, IC-bus logo, ICODE, I-CODE, ITEC, Labelution, MIFARE, MIFARE Plus, MIFARE Ultralight, MoReUse, QLPAK, Silicon Tuner, SiliconMAX, SmartXA, STARplug, TOPFET, TrenchMOS, TriMedia and UCODE -- are trademarks of NXP B.V. HD Radio and HD Radio logo -- are trademarks of iBiquity Digital Corporation.
10. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
BUK663R5-55C
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 -- 3 August 2010
10 of 11
NXP Semiconductors
BUK663R5-55C
N-channel TrenchMOS FET
11. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 9.1 9.2 9.3 9.4 10 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1 General description . . . . . . . . . . . . . . . . . . . . . .1 Features and benefits . . . . . . . . . . . . . . . . . . . . .1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . .1 Quick reference data . . . . . . . . . . . . . . . . . . . . .1 Pinning information . . . . . . . . . . . . . . . . . . . . . . .2 Ordering information . . . . . . . . . . . . . . . . . . . . . .2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . .3 Thermal characteristics . . . . . . . . . . . . . . . . . . .4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . .7 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . .8 Legal information. . . . . . . . . . . . . . . . . . . . . . . . .9 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . .9 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . .10 Contact information. . . . . . . . . . . . . . . . . . . . . .10
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2010.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 3 August 2010 Document identifier: BUK663R5-55C


▲Up To Search▲   

 
Price & Availability of BUK663R5-55C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X