![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BR10S SERIES SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE FORWARD CURRENT BR8 .296(7.5) .255(6.5) - 50 to 1000Volts 10.0 Amperes FEATURES Surge overload rating -240 amperes peak Low forward voltage drop Small size; simple installation Sliver plated copper leads Mounting position: Any .052(1.3) DIA. .048(1.2) .750 (19.0) MIN .770(19.6) .730(18.5) HOLE FOR NO.6 SCREW .520(13.2) .480(12.2) .770(19.6) .730(18.5) Polarity shown on side of case, Positive lead by beveled corner. .520(13.2) .480(12.2) Dimensions in inches and (milimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current at Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Bridge Element at 5.0A Peak Maximum Reverse Current at Rated TA=25 DC Blocking Voltage Per Element Operating Temperature Rang Storage Temperature Rang Notes:1.Unit mounted on metal chassis 2. Unit mounted on P.C. board TA=100 Tc=50 TA=100 (Note1) TA=50 (Note2) SYMBOL VRRM VRMS I(AV) BR 10005S 50 35 BR 1001S 100 70 BR 1002S 200 140 BR 1004S 400 280 10.0 6.0 6.0 BR 1006S 600 420 BR 1008S 800 560 BR 1010S 1000 700 UNIT V V A IFSM 240 A VF IR TJ TSTG 1.0 10.0 1.0 -55 to +125 -55 to +125 V A mA ~ ~ RATING AND CHARACTERTIC CURVES BR10S SERIES FIG.1-DERATING CURVE OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRNT AMPERES PEAK FORWARD SURGE CURRENT AMPERES 10 FIG.2-MAXIMUM FORWARD SURGE CURRENT 250 200 8 6 4 2 TJ=25C 150 TJ=25C 100 50 0 1 10 NUMBER OF CYCLETS AT 60Hz 100 0 0 50 100 150 TEMPERATURE, FIG.3-TYPICAL FORWARD CHARACTERISTICS 100 10 INSTANTANEOUS REVERSE CUNRRENT, AMPERES INSTANTANEOUS REVERSE CUNRRENT, MICROAMPERES FIG.4-TYPICAL REVERSE CHARACTERISTICS 10 1.0 1.0 TJ=25C 0.1 0.1 0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE 0.01 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 INSTANTANEOUS FORWARD VOLTAGE,VOLTS ~ ~ |
Price & Availability of BR1002S
![]() |