Part Number Hot Search : 
92610 UA9668 RTL8801 AM6612N LT241 025BS 1SMC16CA V48A15E
Product Description
Full Text Search
 

To Download BR1002S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR10S SERIES
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE FORWARD CURRENT BR8
.296(7.5) .255(6.5)
-
50 to 1000Volts 10.0 Amperes
FEATURES
Surge overload rating -240 amperes peak Low forward voltage drop Small size; simple installation Sliver plated copper leads Mounting position: Any
.052(1.3) DIA. .048(1.2)
.750 (19.0) MIN
.770(19.6) .730(18.5)
HOLE FOR NO.6 SCREW
.520(13.2) .480(12.2)
.770(19.6) .730(18.5)
Polarity shown on side of case, Positive lead by beveled corner.
.520(13.2) .480(12.2)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current at Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Bridge Element at 5.0A Peak Maximum Reverse Current at Rated TA=25 DC Blocking Voltage Per Element Operating Temperature Rang Storage Temperature Rang Notes:1.Unit mounted on metal chassis 2. Unit mounted on P.C. board TA=100 Tc=50 TA=100 (Note1) TA=50 (Note2)
SYMBOL VRRM VRMS I(AV)
BR 10005S 50 30
BR 1001S 100 70
BR 1002S 200 140
BR 1004S 400 280 10.0 6.0 6.0
BR 1006S 600 420
BR 1008S 800 560
BR 1010S 1000 700
UNIT V V A
IFSM
240
A
VF IR TJ TSTG
1.0 10.0 1.0 -55 to +125 -55 to +125
V uA mA
~ 353 ~
RATING AND CHARACTERTIC CURVES BR10S SERIES
FIG.1-DERATING CURVE OUTPUT RECTIFIED CURRENT 250 AVERAGE FORWARD OUTPUT CURRNT AMPERES PEAK FORWARD SURGE CURRENT AMPERES 10
FIG.2-MAXIMUM FORWARD SURGE CURRENT
200
8
TJ=25
150
TJ=25
6
4 2
100
50
0 0 50 100 150 TEMPERATURE,
0 1 10 NUMBER OF CYCLETS AT 60Hz 100
FIG.3-TYPICAL FORWARD CHARACTERISTICS 100 10 INSTANTANEOUS REVERSE CUNRRENT, AMPERES INSTANTANEOUS REVERSE CUNRRENT, MICROAMPERES
FIG.4-TYPICAL REVERSE CHARACTERISTICS
10
1.0
1.0
TJ=25
0.1
0.1
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE
0.01 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~ 354 ~


▲Up To Search▲   

 
Price & Availability of BR1002S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X