|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SINCE 1981 !"""# $ %# % & ''(() !"" # !$%""& !!" '()* * G G )*+ 2* ./. 0+ 6 7 8 3) %2( - ++ 4 7 / !" # G $ % '( ,-./0 1*202 *3 /4..+*4 / % #2 ( 8 9+ %24( *:*3 3/ #;# %3( 5%( 5 6 %2( %27( %2 ( 5%2 ( 9+ 1 # ' < # 2 6*:*3 3/ *- ) 55 1*- 3/ :)*4) ) /02*.0- *-*9 *- ) /5 ) 1* / /02*.0- *-*9 G = ! % '( 8- ./ 3 >>>>>>>>>>>>>>>>>>>>>>>>>>>>>>>>>>>>>> ' 8- 0 %&'( >>>>>>>>>>>>>>>>>>>>>>>>>>>>>>>>> ? + *3 2+ 0 3 >>>>>>>>>>>>>>>>>>>>>>>>>>> @ A . 3 2+ 0 3 >>>>>>>>>>>>>>>>>>>>>>>>>>>> @ A' ./*3 2+ 0 >>>>>>>>>>>>>>>>>>>>>>>>>> #' 4.- G B ! " // *2-*.- * 2*//*2- %*4)-( #./ 4 *- #'22 %( 0/-- .):*- -+4*5* -+ 4*3 *- 2 -0 :) ) / - 23 5.2 ) + 46 3 @+4*5*4 *.- -0,C4 . 4) 3 :*).0 .*4 !" 45/! 45/4 6 5 45/! 5 ".! 5 ! 65 # "$%$&'() # "$%$**+' , &( -$ # "$%$((+- , &( -$ # "$%$**+* , &( -$ , $$&( -$( ./!. 0+ 01! 02/ 0*'' 4078$7'8 02/ 45/0*'' 02/ ".0$+'' 02/ 3 3 3 3 3 # "$%$((&% $+' 9(' 9*' 9(' # "$%$&'' # "$%$**+ + ' + ' 06 , &( $ *'' 9$+'' # "$%$((&% //: # "$%$&'' # "$%$**+ 06 < # "$%$((( 0()' # "$%$&'(+ %.0 , &( $ # "$%$(((*% 0(+' # "$%$&'(() ;6 # "$%$**+(+ %.0' , &( $( "-5 979;2+6 # "$%$&'(+) , &( $ =5/('5 3 3' 3' 3' ,1%# >> "1>4" - " ? # 5 6; # 5 , 5 >.<5 > >0( <1@( < 0' <1@( " 6 >0( -.@' 1/ !!!/ < (# /;:;.(/ /!/<; ;!/ |
Price & Availability of BL-B6331 |