Part Number Hot Search : 
AM2520 STA481 TK11335B SP668206 M62417SP BCR2P 12S05 GBI15B
Product Description
Full Text Search
 

To Download AZ942A-1CT-12D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ942A
20 AMP MINIATURE AUTOMOTIVE RELAY
FEATURES * * * * * * * High switching capacity -- 20 Amps DC coils to 24 VDC Epoxy sealed versions available Class F insulation for high temperature operation QS9000, ISO9001, ISO14001 Tested in accordance with SAE J2544 Extremely cost effective
CONTACTS
Arrangement Ratings Medium Duty SPST (1 Form A) SPDT (1 Form C) Resistive load Max. switched power: 280 W or 5000 VA Max. switched current: 20 A Max. switched voltage: 30 VDC or 250 VAC Silver nickel <100 milliohms initially (24 V, 1 A voltage drop method)
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 1x107 1 x 105 at 20 A 14 VDC Res. 10 ms at nominal coil voltage 5 ms at nominal coil voltage (with no coil suppression)
Material Resistance
Dielectric Strength 1500 Vrms contact to coil (at sea level for 1 min.) 1000 Vrms across contacts
COIL
Power At Pickup Voltage (typical) Max Continuous Dissipation Temperature Rise Temperature 220 mW
Insulation Resistance Dropout Ambient Temperature Operating 2.2 W at 20C (68F) ambient 40C (72F) at nominal coil voltage Max. 155C (311F) Storage Vibration Shock Enclosure Terminals
100 megohms min. at 20C, 500 VDC, 50% RH Greater than 10% of nominal coil voltage At nominal coil voltage -40C(-40F) to 105C(221F) -55C(-67F) to 155C(311F) 0.062" DA at 10-55Hz 10 g operational, 100 g damage P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 12 g
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Unsealed relays should not be dip cleaned. 4. Specifications subject to change without notice.
Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight
5/17/05W
AZ942A
RELAY ORDERING DATA
STANDARD RELAYS COIL SPECIFICATIONS
Nominal Coil VDC 6 12 24 Must Operate VDC 3.2 6.3 12.6 Max. Continuous VDC 9.9 19.8 39.8 Coil Resistance 10% 45 180 720
ORDER NUMBER*
Unsealed AZ942A-1CT-6D AZ942A-1CT-12D AZ942A-1CT-24D Sealed AZ942A-1CT-6DE AZ942A-1CT-12DE AZ942A-1CT-24DE
*Substitute "1AT" in place of "1CT" to indicate 1 Form A contact.
MECHANICAL DATA
.89 (22.5) TERMINAL DIMENSIONS
Terminal Number 1 2, 5 3, 4 Dimensions .013 X .040 .013 X .036 .013 X .040
PC BOARD LAYOUT
.05 5 HOLES (1.3)
.65 (16.5)
.082 (2.1)
WIRING DIAGRAM
.016 (0.4) .66 (16.8)
2
3
C L
*
.472 (12.0)
1
.013 (0.3) .040 (1.0) 5 PLACES .138 (3.5) .078 (2.0) .480 (12.2)
5 Viewed toward terminals
4* Viewed toward terminals
*Not used on Form A relay
*Not used on Form A relay
Dimensions in inches with metric equivalents in parentheses. Tolerance: 0.010"
5/17/05W


▲Up To Search▲   

 
Price & Availability of AZ942A-1CT-12D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X