Part Number Hot Search : 
BCM20 MZO11FAD PB32D R6101030 1N4762 D221K R34XX 1N522
Product Description
Full Text Search
 

To Download AZ940-1A-9DS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ940
10 AMP MINIATURE POWER RELAY
FEATURES * * * * * * 10 Amp switching capability SPST-N.O. and SPDT configurations 4 kV dielectric strength Epoxy sealed version available Class B insulated standard, Class F available UL, CUR file E44211, VDE file 134326 GENERAL DATA CONTACTS
Arrangement Ratings SPST N.O. (1 Form A) SPDT (1 Form C) Resistive load: Max. switched power: 150 W or 1250 VA N.O. 90 W or 750 VA N.C. Max. switched current:10 A N.O., 3 A N.C.. Max. switched voltage: 150 VDC* or 400 VAC
*Note: If switching voltage is greater than 30 VDC, special precautions must be taken. Please contact the factory.
Life Expectancy Mechanical Electrical Operate Time (max.) Release Time (max.)
Minimum operations 1 x 107 1 x 105 at 10 A 120 VAC Res. 8 ms at nominal coil voltage 5 ms at nominal coil voltage (with no coil suppression)
Dielectric Strength 1000 Vrms contact to contact (at sea level for 1 min.) 4000 Vrms contact to coil Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration Shock Operating Mechanical Enclosure Terminals Max. Solder Temp. Max. Solder Time 10 g for 11 ms 1/2 sine pulse (no contact opening >100 usec) 100 g for 11 ms 1/2 sine pulse P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 7 grams 1 x 109 ohms minimum at 500 VDC Greater than 5% of nominal coil voltage At nominal coil voltage -40C (-40F) to 90C (194F) Class B -40C (-40F) to 110C (230F) Class F -40C (-40F) to 130C (266F) Class B -40C (-40F) to 155C (311F) Class F 0.062" DA at 10-55 Hz
UL, CUR 10 A at 125 VAC General Use, 100k cycles (N.O.) 10 A at 277 VAC COS =.4, 10k cycles 5 A at 250 VAC General Use, 100k cycles 5 A at 30 VDC 1/10 HP at 125 VAC, 100k cycles 1/6 HP at 250 VAC, 100k cycles UL, CUR 3 A at 250 VAC General Use, 100k cycles (N.C.) 3 A at 30 VDC Resistive, 100k cycles VDE Form A N.O.: 5 A 250 VAC Form C N.O.: 5 A 250 VAC Form C N.C.: 3 A 250 VAC Silver cadmium oxide or silver nickel < 0.1 Ohm (24 V, 1 A voltage drop method)
Material Resistance
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Temperature 253 mW (Standard Coil) 113 mW (Sensitive Coil) 1.25 W at 20C (68F) 40C (72F) (Standard Coil) 20C (36F) (Sensitive Coil) Max. 130C (266F) Class B Max. 155C (311F) Class F
Max. Solvent Temp. Max. Immersion Time Weight
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
9/11/08W
AZ940
RELAY ORDERING DATA
COIL SPECIFICATIONS - Standard Coil (SPDT and SPST)
Nominal Coil VDC 3 5 6 9 12 18 24 Must Operate VDC 2.3 3.8 4.5 6.8 9.0 13.5 18.0 Max. Continuous VDC 5.0 8.3 10.0 15.0 20.0 30.0 40.0 Coil Resistance 10% 20 55 80 180 320 720 1280 ORDER NUMBER* SPST-NO AZ940-1A-3D AZ940-1A-5D AZ940-1A-6D AZ940-1A-9D AZ940-1A-12D AZ940-1A-18D AZ940-1A-24D SPDT AZ940-1C-3D AZ940-1C-5D AZ940-1C-6D AZ940-1C-9D AZ940-1C-12D AZ940-1C-18D AZ940-1C-24D
*For silver nickel contacts substitute "-1AB" for "-1A" or "-1CB" for "-1C". Add suffix "E" for sealed version. Add suffix "G" for gold plating. Add suffix "F" for Class F. Class F not VDE approved.
COIL SPECIFICATIONS - Sensitive Coil (SPST)
Nominal Coil VDC 3 5 6 9 12 18 24 Must Operate VDC 2.3 3.8 4.5 6.8 9.0 13.5 18.0 Max. Continuous VDC 7.5 12.5 15.0 22.4 30.0 44.7 59.2 Coil Resistance 10% 45 125 180 400 720 1600 2800
ORDER NUMBER** Unsealed AZ940-1A-3DS AZ940-1A-5DS AZ940-1A-6DS AZ940-1A-9DS AZ940-1A-12DS AZ940-1A-18DS AZ940-1A-24DS Sealed AZ940-1A-3DSE AZ940-1A-5DSE AZ940-1A-6DSE AZ940-1A-9DSE AZ940-1A-12DSE AZ940-1A-18DSE AZ940-1A-24DSE
**For silver nickel contacts substitute "-1AB" for "-1A". Add suffix "G" for gold plating. Add suffix "F" for Class F. Class F not VDE approved.
MECHANICAL DATA
PC BOARD LAYOUT
.807 max. [20.50] .417 max. [10.59] .054 [1.36] .400 [10.16] .300 [7.62] .058 [1.49]
.300 [7.62] .614 max. [15.60] .016 [0.40] 5 x o.051 [o1.3] .100 [2.54]
*
*omitted from Form A
5 x.150 [3.8]
WIRING DIAGRAM
FORM A
5 x.031 [0.8]
5 x.012.005 [0.310.12]
FORM C VIEWED TOWARD TERMINALS
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
9/11/08W


▲Up To Search▲   

 
Price & Availability of AZ940-1A-9DS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X