Part Number Hot Search : 
BTB04D PI3HDMI MA4P74 TDA5709 29LV400 TX4915 GM194A HL02U
Product Description
Full Text Search
 

To Download AT68166H-YM20-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * * * * * * * * *
16 Mbit SRAM Multi Chip Module Allows 32-, 16- or 8-bit access configuration Operating Voltage: 3.3V + 0.3V Access Time - 20 ns - 18 ns Power Consumption - Active: 620 mW per byte (Max) @ 18ns - 415 mW per byte (Max) @ 50ns (1) - Standby: 13 mW (Typ) Military Temperature Range: -55 to +125C TTL-Compatible Inputs and Outputs Asynchronous Die manufactured on Atmel 0.25 m Radiation Hardened Process No Single Event Latch Up below LET Threshold of 80 MeV/mg/cm2@125C Tested up to a Total Dose of 300 krads (Si) according to MIL-STD-883 Method 1019 ESD better than 4000V Quality Grades: - QML-Q or V - ESCC 950 Mils Wide MQFPT68 Package Mass : 8.5 grams 1. Only for AT68166H-18. 450mW for AT68166H-20.
Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module AT68166H
Note:
Description
The AT68166H is a 16Mbit SRAM packaged in a hermetic Multi Chip Module (MCM) for space applications. The AT68166H MCM incorporates four 4Mbit AT60142H SRAM dice. It can be organized as either one bank of 512Kx8, two banks of 512Kx16 or four banks of 512Kx8. It combines rad-hard capabilities, a latch-up threshold of 80MeV.cm/mg, a Multiple Bit Upset immunity and a total dose tolerance of 300Krads, with a fast access time. The MCM packaging technology allows a reduction of the PCB area by 50% with a weight savings of 75% compared to four 4Mbit packages. Thanks to the small size of the 4Mbit SRAM die, Atmel has been able to accommodate the assembly of the four dice on one side of the package which facilitates the power dissipation. The compatibility with other products allows designers to easily migrate to the Atmel AT68166H memory. The AT68166H is powered at 3.3V. The AT68166H is processed according to the test methods of the latest revision of the MIL-PRF-38535 or the ESCC 9000.
7842A-AERO-10/09
Block Diagram
AT68166H Block Diagram
CS3 WE3 CS2 WE2 CS1 WE1 CS0 WE0
A[18:0] OE
BANK3 512k x 8
BANK2 512k x 8
BANK1 512k x 8
BANK0 512k x 8
I/O[31:24] or I/O2[31:16] or I/O3[7:0]
I/O[23:16] or I/O2[15:0] or I/O2[7:0]
I/O[15:8] or I/O1[31:16] or I/O1[7:0]
I/O[7:0] or I/O1[15:0] or I/O[7:0]
512K x 8 Bank Block Diagram (AT60142H)
I/Ox0 I/Ox7
CSx OE WEx
2
AT68166H
7842A-AERO-10/09
AT68166H
Pin Configuration
AT68166H is packaged in a MQFPT68. The pin assignment depends on the access time. There are 2 versions as described in the table below :
Access Time Package Version
18 ns YS
20 ns YM
Table 1. Pin assignment for YS & YM versions
Lead 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 Signal I/O0[0] I/O0[1] I/O0[2] I/O0[3] I/O0[4] I/O0[5] I/O0[6] I/O0[7] GND I/O1[0] I/O1[1] I/O1[2] I/O1[3] I/O1[4] I/O1[5] I/O1[6] I/O1[7] 33 34 Lead 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 YS YM YS YM Signal VCC A11 A12 A13 A14 A15 A16 CS0 OE CS1 A17 WE1 WE2 WE3 A18 GND NC VCC NC Lead 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 Signal I/O3[7] I/O3[6] I/O3[5] I/O3[4] I/O3[3] I/O3[2] I/O3[1] I/O3[0] GND I/O2[7] I/O2[6] I/O2[5] I/O2[4] I/O2[3] I/O2[2] I/O2[1] I/O2[0] 68 Lead 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 YS YM Signal VCC A10 A9 A8 A7 A6 WE0 CS3 GND CS2 A5 A4 A3 A2 A1 A0 VCC NC
3
7842A-AERO-10/09
Figure 1. YM package pin assignment
NC A0 A1 A2 A3 A4 A5 CS2 GND CS3 WE0 A6 A7 A8 A9 A10 VCC I/O0[0] I/O0[1] I/O0[2] I/O0[3] I/O0[4] I/O0[5] I/O0[6] I/O0[7] GND I/O1[0] I/O1[1] I/O1[2] I/O1[3] I/O1[4] I/O1[5] I/O1[6] I/O1[7]
68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52
Note:
NC pins are not bonded internally. So, they can be connected to GND or Vcc.
Figure 2. YS package pin assignment
VCC A0 A1 A2 A3 A4 A5 CS2 GND CS3 WE0 A6 A7 A8 A9 A10 VCC
4
AT68166H
7842A-AERO-10/09
VCC A11 A12 A13 A14 A15 A16 CS0 OE CS1 A17 WE1 WE2 WE3 A18 GND VCC
18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34
I/O0[0] I/O0[1] I/O0[2] I/O0[3] I/O0[4] I/O0[5] I/O0[6] I/O0[7] GND I/O1[0] I/O1[1] I/O1[2] I/O1[3] I/O1[4] I/O1[5] I/O1[6] I/O1[7]
68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52
VCC A11 A12 A13 A14 A15 A16 CS0 OE CS1 A17 WE1 WE2 WE3 A18 NC NC
18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17
AT68166H
(top view)
51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35
I/O2[0] I/O2[1] I/O2[2] I/O2[3] I/O2[4] I/O2[5] I/O2[6] I/O2[7] GND I/O3[0] I/O3[1] I/O3[2] I/O3[3] I/O3[4] I/O3[5] I/O3[6] I/O3[7]
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17
AT68166H
(top view)
51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35
I/O2[0] I/O2[1] I/O2[2] I/O2[3] I/O2[4] I/O2[5] I/O2[6] I/O2[7] GND I/O3[0] I/O3[1] I/O3[2] I/O3[3] I/O3[4] I/O3[5] I/O3[6] I/O3[7]
AT68166H
Pin Description
Table 2. Pin Names
Name A0 - A18 I/O0 - I/O31 CS0 - CS3 WE0 - WE3 OE VCC GND(1) Note: 1. The package lid is connected to GND Description Address Inputs Data Input/Output Chip Select Write Enable Output Enable Power Supply Ground
Table 3. Truth Table(1)
CSx H L L L Note: WEx X H L H OE X L X H Inputs/Outputs Z Data Out Data In Z Mode Standby Read Write Output Disable
1. L=low, H=high, X= H or L, L=high impedance.
5
7842A-AERO-10/09
Electrical Characteristics
Absolute Maximum Ratings*
Supply Voltage to GND Potential: ....................... -0.5V + 4.6V Voltage range on any input: ...................... GND -0.5V to 4.6V Voltage range on any ouput: ..................... GND -0.5V to 4.6V Storage Temperature: ................................. -65C to + 150C Output Current from Output Pins: ................................ 20 mA Electrostatic Discharge Voltage: ............................... > 4000V (MIL STD 883D Method 3015) *NOTE:
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure between recommended DC operating and absolute maximum rating conditions for extended periods may affect device reliability.
Military Operating Range
Operating Voltage 3.3 + 0.3V Operating Temperature -55C to + 125C
Recommended DC Operating Conditions
Parameter Vcc GND VIL VIH Description Supply voltage Ground Input low voltage Input high voltage Min 3.0 0.0 GND - 0.3 2.2 Typ 3.3 0.0 0.0 - Max 3.6 0.0 0.8 VCC + 0.3 Unit V V V V
Capacitance
Parameter Cin(1) (OE and Ax) Cin(1) (CSx and WEx) Cio(1) Note: Description Input capacitance Input capacitance I/O capacitance 1. Guaranteed but not tested. Min - - - Typ - - - Max 48 12 12 Unit pF pF pF
6
AT68166H
7842A-AERO-10/09
AT68166H
DC Parameters
DC Test Conditions TA = -55C to + 125C; Vss = 0V; VCC = 3.0V to 3.6V
Parameter IIX(1) IOZ
(1)
Description Input leakage current Output leakage current Output low voltage Output high voltage
Minimum -1 -1 - 2.4
Typical - - - -
Maximum 1 1 0.4 -
Unit A A V V
VOL(2) VOH(3)
Notes:
1. GND < VIN < VCC, GND < VOUT < VCC Output Disabled. 2. VCC min, -IOL = 8 mA 3. VCC min, IOH = -4 mA
Consumption
Symbol ICCSB(1) ICCSB1(2)
Description Standby Supply Current Standby Supply Current
TAVAV/TAVAW Test Condition - - 18 ns 20 ns 50 ns 1 s 18 ns 20 ns 50 ns 1 s
AT68166H-20 10 8 - 170 85 15 - 150 125 110
AT68166H-18 7 6 170 165 80 12 145 140 115 105
Unit mA mA
Value max max
ICCOP(3) Read per byte
Dynamic Operating Current
mA
max
ICCOP(4) Write per byte
Dynamic Operating Current
mA
max
Notes:
1. 2. 3. 4.
All CSx >VIH All CSx > VCC - 0.3V F = 1/TAVAV, Iout = 0 mA, WEx = OE = VIH, VIN = GND/VCC, VCC max. F = 1/TAVAW, Iout = 0 mA, WEx = VIL, OE = VIH , VIN = GND/VCC, VCC max.
7
7842A-AERO-10/09
Data Retention Mode
Atmel CMOS RAM's are designed with battery backup in mind. Data retention voltage and supply current are guaranteed over temperature. The following rules insure data retention: 1. During data retention chip select CSx must be held high within VCC to VCC -0.2V. 2. Output Enable (OE) should be held high to keep the RAM outputs high impedance, minimizing power dissipation. 3. During power-up and power-down transitions CSx and OE must be kept between VCC + 0.3V and 70% of VCC. 4. The RAM can begin operation > tR ns after VCC reaches the minimum operation voltages (3V). Figure 3. Data Retention Timing
vcc
CSx
Data Retention Characteristics
Parameter Description VCCDR tCDR tR VCC for data retention Chip deselect to data retention time Operation recovery time Min 2.0 0.0 tAVAV
(1)
Typ TA = 25C - - -
Max - - - 6 (AT68166H-20) 4.5 (AT68166H-18)
Unit V ns ns
ICCDR (2)
Data retention current
-
3
mA
1. 2.
TAVAV = Read cycle time. All CSx = VCC, VIN = GND/VCC.
8
AT68166H
7842A-AERO-10/09
AT68166H
AC Characteristics
Temperature Range:................................................................................................. -55 +125C Supply Voltage: ........................................................................................................... 3.3 +0.3V Input Pulse Levels: ................................................................................................. GND to 3.0V Input Rise and Fall Times:................................................................................... 3ns (10 - 90%) Input and Output Timing Reference Levels: ........................................................................ 1.5V Output Loading IOL/IOH:........................................................................................... See Figure 4 Figure 4. AC Test Loads Waveforms
General
Specific (TWLQZ, TWHQX, TELQX, TEHQZ TGLQX, TGHQZ)
Write Cycle
Table 4. Write cycle timings(1)
AT68166H-20 Symbol TAVAW TAVWL TAVWH TDVWH TELWH TWLQZ TWLWH TWHAX TWHDX TWHQX Parameter Write cycle time Address set-up time Address valid to end of write Data set-up time CS low to write end Write low to high Z(2) Write pulse width Address hold from end of write Data hold time Write high to low Z(2) min 20 2 14 9 12 12 0 2 5 max 10 AT68166H-18 min 18 2 11 8 12 9 0 1 3 max 8 Unit ns ns ns ns ns ns ns ns ns ns
Notes:
1. Timings figures applicable for 8-bit, 16-bit and 32-bit mode. 2. Parameters guaranteed, not tested, with output loading 5 pF. (See "AC Test Loads Waveforms" on page 9.)
9
7842A-AERO-10/09
Write Cycle 1.
WE Controlled, OE High During Write
ADDRESS CSx
E WEx E
OE I/Os
Write Cycle 2.
WE Controlled, OE Low
ADDRESS CSx
WEx E
E
I/Os
Write Cycle 3.
CS Controlled
ADDRESS CSx
WEx E I/Os
The internal write time of the memory is defined by the overlap of CS Low and WE LOW. Both signals must be activated to initiate a write and either signal can terminate a write by going in active mode. The data input setup and hold timing should be referenced to the active edge of the signal that terminates the write. Data out is high impedance if OE= VIH.
10
AT68166H
7842A-AERO-10/09
AT68166H
Read Cycle
Table 5. Read cycle timings(1)
AT68166H-20 Symbol TAVAV TAVQV TAVQX TELQV TELQX TEHQZ TGLQV TGLQX TGHQZ Notes: Parameter Read cycle time Address access time Address valid to low Z Chip-select access time CS low to low Z(2) CS high to high Z(2) Output Enable access time OE low to low Z(2) OE high to high Z (2) min 20 5 5 2 max 20 20 9 11 9 AT68166H-18 min 18 5 5 2 max 18 18 8 8 8 Unit ns ns ns ns ns ns ns ns ns
1. Timings figures applicable for 8-bit, 16-bit and 32-bit mode. 2. Parameters guaranteed, not tested, with output loading 5 pF. (See "AC Test Loads Waveforms" on page 9.)
Read Cycle 1
Address Controlled (CS = OE = VIL, WE = VIH)
ADDRESS
DOUT
Read Cycle 2
Chip Select Controlled (WE = VIH)
CSx
OE
DOUT
11
7842A-AERO-10/09
Typical Applications
This section shows standard implementations of the AT68166H in applications.
32-bit mode application
When used on a 32-bit (word) application, the module shall be connected as follow : * * * The 32 lines of data are connected to distinct data lines The four CSx are connected together and linked to a single host CS output Each one of the four WEx is connected to a dedicated WE line on the host to allow byte, half word and word format write.
Figure 5. 32-bit typical application ( 1 SRAM bank)
AT68166H
RAMS0* RAMOE0* RWE[3:0]* CS[3:0] OE WE[3:0] A[17:0] I/O[31:0] A A[19:2] D[31:0] A[19:2] D[31:0] D
AT697E
A[27:0] D[31:0]
16-bit mode application
When used on a 16-bit (half word) application, the module can be connected as presented in the following figure. This allows use of a single AT68166H part for two SRAM memory banks. All input controls of the AT68166H not used in the application shall be pulled-up. Figure 6. 16-bit typical application (two SRAM banks)
RAMOE[1:0]* RAMS1* RWE0* RAMS0* RWE0* OE
AT68166H
A[17:0] I/O[31:16] I/O[15:0] A[18:1] D[31:16] D[31:16] A[18:1] D[31:0]
A D
CS[3:2] WE[3:2] CS[1:0] WE[1:0]
AT697E
A[27:0] D[31:0]
8-bit mode application
When used on a 8-bit (byte) application, the module can be connected as presented in the following figure. This allows use of a single AT68166H part for up to four SRAM memory banks. All input controls of the AT68166H not used in the application shall be pulled-up. Figure 7. 8-bit typical application (two SRAM banks)
RAMOE[1:0]* RAMS2* RWE0* RAMS2* RWE0* RAMS1* RWE0* RAMS0* RWE0* A[27:0] D[31:0] OE CS[3] WE[3] CS[2] WE[2] CS[1] WE[1] CS[0] WE[0]
AT68166H
A[17:0] A[17:0] I/O[31:24] I/O[23:16] I/O[15:8] I/O[7:0] D[31:24] D[31:24] D[31:24] D[31:24] A[17:0] D[31:0]
A D
AT697E
12
AT68166H
7842A-AERO-10/09
AT68166H
Ordering Information
Part Number AT68166H-YM20-E AT68166H-YM20MQ AT68166H-YM20SV
(1) (1)
Temperature Range 25C -55 to +125C -55 to +125C -55 to +125C -55 to +125C 25C
(1)
Speed 20 ns 20 ns 20 ns 20 ns 20 ns 18 ns 18 ns 18 ns 18 ns 18 ns
Package MQFPT68 MQFPT68 MQFPT68 MQFPT68 MQFPT68 MQFPT68 MQFPT68 MQFPT68 MQFPT68 MQFPT68
Flow Engineering Samples Mil level B Space Level B Space Level B RHA ESCC Engineering Samples Mil level B Space Level B Space Level B RHA ESCC
AT68166H-YM20SR(1) AT68166H-YM20-SCC(2) AT68166H-YS18-E AT68166H-YS18MQ AT68166H-YS18SV(1) AT68166H-YS18SR(1) AT68166H-YS18-SCC Note:
(2)
-55 to +125C -55 to +125C -55 to +125C -55 to +125C
1. Will be replaced by SMD part number when available. 2. Will be replaced by ESCC part number when available.
13
7842A-AERO-10/09
Package Drawing
68-lead Quad Flat Pack (950 Mils) with non conductive tie bar
Note:
1. Lid is connected to Ground. 2. YM and YS package drawings are identical.
Document Revision History
Creation from AT66168F without any change.
14
AT68166H
7842A-AERO-10/09
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support Enter Product Line E-mail Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c)2009 Atmel Corporation. All rights reserved. Atmel (R), logo and combinations thereof, and Everywhere You Are (R) are the trademarks or registered trademarks, of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
Printed on recycled paper.
7842A-AERO-10/09


▲Up To Search▲   

 
Price & Availability of AT68166H-YM20-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X