Part Number Hot Search : 
1MBI1600 1025P UF540 74LS47 UFT5020 UG10012 1N524 FDP3652
Product Description
Full Text Search
 

To Download APTGT300A60TG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT300A60TG
Phase leg Trench + Field Stop IGBT Power Module
VBUS NTC2
VCES = 600V IC = 300A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Trench + Field Stop IGBT Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * High level of integration * Internal thermistor for temperature monitoring Benefits * Stable temperature behavior * Very rugged * Solderable terminals for easy PCB mounting * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile * RoHS Compliant
Q1 G1
E1 OUT Q2 G2
E2
0/VBU S
NTC1
G2 E2
OUT
VBUS
0/VBUS
OUT
E1 G1
E2 G2
NTC2 NTC1
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Safe Operating Area TC = 25C TC = 80C TC = 25C TC = 25C Tj = 150C Max ratings 600 430 300 450 20 935 600A @ 550V Unit V A V W
April, 2009 1-5 APTGT300A60TG - Rev 1
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTGT300A60TG
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 600V Tj = 25C VGE =15V IC = 300A Tj = 150C VGE = VCE , IC = 1.5 mA VGE = 20V, VCE = 0V Min Typ 1.5 1.7 5.8 Max 350 1.9 6.5 500 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Cies Coes Cres QG Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff Isc Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn on Energy Turn off Energy Short Circuit data Test Conditions VGE = 0V VCE = 25V f = 1MHz VGE=15V, IC=300A VCE=300V Inductive Switching (25C) VGE = 15V VBus = 300V IC = 300A RG = 2.2 Inductive Switching (150C) VGE = 15V VBus = 300V IC = 300A RG = 2.2 Tj = 25C Tj = 150C Tj = 25C Tj = 150C VGE 15V ; VBus = 360V tp 6s ; Tj = 150C VGE = 15V VBus = 300V IC = 300A RG = 2.2 Min Typ 18.4 1.16 0.54 3.2 115 45 225 55 130 50 300 70 1.7 3 8.2 10.6 1500 ns Max Unit nF C
ns
mJ mJ A
Reverse diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF trr Qrr Er Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy IF = 300A VR = 300V IF = 300A VGE = 0V Test Conditions VR=600V Tj = 25C Tj = 150C Tc = 80C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Min 600 Typ Max 150 400 300 1.6 1.5 130 225 13.7 29 3.2 7 2 Unit V A A V ns C mJ
April, 2009 2-5 APTGT300A60TG - Rev 1
di/dt =4000A/s
www.microsemi.com
APTGT300A60TG
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol R25 R25/R25 B25/85 B/B Characteristic Resistance @ 25C T25 = 298.15 K TC=100C
RT = R25 1 exp B25 / 85 T - T 25
T: Thermistor temperature 1 RT: Thermistor value at T
Min
Typ 50 5 3952 4
Max
Unit k % K %
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode 2500 -40 -40 -40 2.5 Min Typ Max 0.16 0.29 175 125 100 4.7 160 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To Heatsink
M5
SP4 Package outline (dimensions in mm)
ALL DIMENSIONS MARKED " * " ARE TOLERENCED AS :
See application note APT0501 - Mounting Instructions for SP4 Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTGT300A60TG - Rev 1
April, 2009
APTGT300A60TG
Typical Performance Curve
Output Characteristics (VGE=15V) Output Characteristics 500 400
TJ=125C VGE=13V TJ = 150C VGE=19V
500
TJ=25C
400
IC (A) IC (A)
300 200 100
TJ=25C
TJ=150C
300 200
VGE=15V
VGE=9V
100 0
0 0 0.5 1 1.5 2 2.5
VCE (V) Transfert Characteristics
TJ=25C
0
0.5
1
1.5 2 VCE (V)
2.5
3
3.5
Energy losses vs Collector Current 16 12 E (mJ) 8 4
VCE = 300V VGE = 15V RG = 2.2 TJ = 150C Eoff
500 400 300 200 100 0 5
IC (A)
Er
TJ=125C TJ=150C TJ=25C
Eon
0 6 7 8 VGE (V) 9 10 11 0 100 200 IC (A) Reverse Bias Safe Operating Area 700
Eoff Eoff
300
400
500
Switching Energy Losses vs Gate Resistance 20 16 E (mJ) 12 8 4
Eon
600 500 IC (A) 400 300 200 100 0 15 0
VGE=15V TJ=150C RG=2.2
VCE = 300V VGE =15V IC = 300A TJ = 150C Er
0 0 2.5 5 7.5 10 12.5 Gate Resistance (ohms)
100
200
300 400 VCE (V)
500
600
700
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.18 Thermal Impedance (C/W) 0.16 0.14 0.12 0.1 0.08 0.06 0.04 0.02 0.7 0.5 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10 0.9
IGBT
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
www.microsemi.com
4-5
APTGT300A60TG - Rev 1
April, 2009
APTGT300A60TG
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 120 100 80 60 40 20 0 0 100 200 IC (A) 300 400
Hard switching ZVS ZCS VCE=300V D=50% RG=2.2 TJ=150C
Forward Characteristic of diode 500 400 300
TJ=125C
IF (A)
Tc=85C
200 100 0 0 0.4 0.8 1.2 1.6 VF (V) 2 2.4
TJ=150C TJ=25C
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15 0.1 0.05 0.5 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
Diode
0.9 0.7
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGT300A60TG - Rev 1
April, 2009


▲Up To Search▲   

 
Price & Availability of APTGT300A60TG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X