Part Number Hot Search : 
4MTCX VN380SP 4LS32 5KE200 SY58608 20212 MBRS1 1SS119
Product Description
Full Text Search
 

To Download 91821-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND BENEFITS
Discrete Wire Picoflex(R) The discrete wire picoflex(R) is the latest addition to the picoflex(R) product family. It is a significant addition to the picoflex(R) product rang and is capable of carrying 2.4A and the housing is glow wire compatible (ICE 60335). It mates with all existing picoflex(R) headers with standard circuit size ranging from 4 to 26. Ergonomic design enables easy of mating and un-mating which eliminates the requirement for an extraction tool. Samples and application tooling are available through your local sales office. 1st to market - no known competitors
1.27mm (.050") Pitch Picoflex(R) Discrete Wire 91935 (Housing) 91821 (Terminal) Housing and Terminal
Features
Glow wire compatible 2.4Amps Easy grip finger tabs
Benefits
Suitable for use in stand alone, unattended appliances Can be used in power applications with specific headers Ease of mating and un-mating Extraction tool not required Increase customer production outputs Hand and semi-automatic crimp tooling available Mini-Mac compatible Low cost application tooling No competitors Can be mated to all existing headers
Robust crimp terminal design
1st to market Standard interface design
SPECIFICATIONS
Specifications Reference Information Packaging: Bag/Reel Mates With: All picoflex(R) headers Glow-wire compatibility: IEC 60335 Designed In: Millimeters Electrical Voltage: 250V max Current: 2.4A max Contact Resistance: 15 milliohms Dielectric Withstanding Voltage: 750V AC Insulation Resistance: 1,000 Megohms min Mechanical Contact Retention to Housing: 15N Mating Force: 1.7N max (Tin) 1.1N max (Gold) Unmating Force: 0.25N Durability: 30 cycles (Tin) 100 cycles (Gold) Physical Housing: PET 15% glass fill UL 94 V-0 Contact: Copper alloy Plating: Contact Area -- Tin or Gold Crimp Area -- Tin Operating Temperature: -40C to 105C
APPLICATIONS
Markets and Applications
White goods Automotive Medical Industrial Other Markets - Suitable in any markets where signal and power connections are required
1.27mm (.050") Pitch Picoflex(R) Discrete Wire 91935 (Housing) 91821 (Terminal) Housing and Terminal
ORDERING INFORMATION
Order No. 91935-9004 91935-9006 91935-9008 91935-9010 91935-9012 91935-9014 91935-9016 91935-9018 91935-9020 91935-9022 91935-9024 91935-9026 91821-0001 91821-0003
Circuit Size 4 6 8 10 12 14 16 18 20 22 24 26 N/A N/A
Description Housing Housing Housing Housing Housing Housing Housing Housing Housing Housing Housing Housing Terminal Terminal
Plating N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A Tin Gold
Bringing People & Technology Together, WorldwideSM
Americas Headquarters 2222 Wellington Ct. Lisle, Illinois 60532 USA 1-800-78MOLEX amerinfo@molex.com Far East North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com Far East South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com Corporate Headquarters 2222 Wellington Ct. Lisle, Illinois 60532 USA 630-969-4550
Visit our Web site at http://www.molex.com


▲Up To Search▲   

 
Price & Availability of 91821-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X