Part Number Hot Search : 
C1015 SMCJ30C D1001 C1015 PMB2420 R856G 90SQ030 3SK103
Product Description
Full Text Search
 

To Download 7448640412 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Spezifikation fur Freigabe / specification for release
Kunde / customer : Artikelnummer / part number : Bezeichnung : description :
7448640412
STROMKOMPENSIERTE DROSSEL WE-FC CURRENT-COMPENSATED CHOKE WE-FC DATUM / DATE : 2009-08-06
A Mechanische Abmessungen / dimensions:
A B C D E F o
Gehause / case: UT 21,2 max 16,6 max 22,5 max 13,0 0,2 10,0 0,2 4,5 max 0,8 typ mm mm mm mm mm mm mm
2
3
1
4
B Elektrische Eigenschaften / electrical properties:
Eigenschaften / properties Leerlauf-Induktivitat / inductance DC-Widerstand / DC-resistance Nennstrom / rated current Nennspannung / rated voltage Testbedingungen / test conditions
10 kHz / 100 mV / 20 C
C Schaltbild / schematic:
Einheit / unit tol.
min
Wert / value
LO RDC IN UN
3,90 0,27 1,00 250
mH A V
1
4
@ 20 C @ 70 C 50 Hz
15%
N1
2
N2
3
D Prufgerate / test equipment:
WAYNE KERR WK3260B/WK3265 fur/for L0 und/and RDC HP 34401 A fur/for IN
E Testbedingungen / test conditions:
Luftfeuchtigkeit / humidity: Umgebungstemperatur / temperature: Prufspannung / isolation voltage 33% 20 C
2000 V,50 Hz
F Werkstoffe & Zulassungen / material & approvals:
Gehause / case: Draht / wire: Kern / core UL94V-0 P155 IEC317-20 MnZn-Ferrite / MnZn ferrite
G Eigenschaften / general specifications:
Klimabestandigkeit/ climatic class: Betriebstemp. / operating temperature: Ubertemperatur / temperature rise: 40/125/21 -25C - + 125C < 55 K
It is recommended that the temperature of the part does not exceed 125C under worst case operating conditions.
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Datum / date
Unterschrift / signature Wurth Elektronik
.............................................................
..................................................................................
MST Name
Version 1 Anderung / modification
09-08-06
Gepruft / checked
Kontrolliert / approved
Datum / date
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Wurth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
Wurth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg * Max-Eyth-Strasse 1 - 3 * Germany * Telefon (+49) (0) 7942 - 945 - 0 * Telefax (+49) (0) 7942 - 945 - 400 http://www.we-online.com
SEITE 1 VON 3
Spezifikation fur Freigabe / specification for release
Kunde / customer : Artikelnummer / part number : Bezeichnung : description : 7448640412
STROMKOMPENSIERTE DROSSEL WE-FC CURRENT-COMPENSATED CHOKE WE-FC DATUM / DATE : 2009-08-06
H Einfugungsdampfung / insertion loss:
70 70
typischer Dampfungsverlauf / typical attenuation curve
60
Einfugungsdampfung / insertion loss [dB]
Einfugungsdampfung / insertion loss [dB]
50
60
40
50
30
40
20
30
20
10 10 0 0,01 0 0,01
0,1 0,1
1
Frequenz / frequency [MHz]
10 10
100 100
1 Frequenz / frequency [MHz]
common mode
=====
Datum / date
..................................................................................
Gepruft / checked
Kontrolliert / approved
MST Name
Version 1 Anderung / modification
09-08-06
Gepruft / checked
Kontrolliert / approved
Datum / date
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Wurth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
Wurth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg * Max-Eyth-Strasse 1 - 3 * Germany * Telefon (+49) (0) 7942 - 945 - 0 * Telefax (+49) (0) 7942 - 945 - 400 http://www.we-online.com
SEITE 2 VON 3
Spezifikation fur Freigabe / specification for release
Kunde / customer : Artikelnummer / part number : Bezeichnung : description : 7448640412
STROMKOMPENSIERTE DROSSEL WE-FC CURRENT-COMPENSATED CHOKE WE-FC DATUM / DATE : 2009-08-06
I Stangenspezifikation / tube specification:
Stangenspezifikation / tube specification: L 525 mm H 31 mm B 24,5 mm Menge: 23 Stuck/Stange quantity: 23 pieces/tube
L H
B
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Datum / date
Unterschrift / signature Wurth Elektronik
MST .................................................................... Version 1 Anderung / modification
09-08-06
..................................................................................
Gepruft / checked
Kontrolliert / approved
Name
Datum / date
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Wurth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
Wurth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg * Max-Eyth-Strasse 1 - 3 * Germany * Telefon (+49) (0) 7942 - 945 - 0 * Telefax (+49) (0) 7942 - 945 - 400 http://www.we-online.com
SEITE 3 VON 3


▲Up To Search▲   

 
Price & Availability of 7448640412

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X