Part Number Hot Search : 
1640CT MAX3001E C1623 100E1 P4KA27A AAT3132A SI7005 10T100A
Product Description
Full Text Search
 

To Download 447AS327XM08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Banding Backshell with Qwik-Ty(R) Strain Relief and Self-Locking Rotatable Coupling
447-327 Composite Standard Profile EMI/RFI
Composite Backshells
CONNECTOR DESIGNATOR:
A
A F L H G U
MIL-DTL-5015, -26482 Series II, and -83723 Series I and III MIL-DTL-38999 Series I, II MIL-DTL-38999 Series 1.5 (JN1003) MIL-DTL-38999 Series III and IV MIL-DTL-28840 DG123 and DG123A
Product Series 447 - EMI/RFI Non-Environmental Banding Backshells
Drain Hole Option (Omit "D" if not required) Finish Symbol (See Table III)
Slot Option S - Pigtail Termin. Slot (Omit for none)
Angle and Profile S - Straight W - 90 Elbow
Basic Part Number
Cable Entry (See Table IV)
Polysulfide Strips Termination area free of cadmium, XW finish only (Omit for none)
B
447
H
S
327
XW
19
13
D
K
P
T
S
SELF-LOCKING
ROTATABLE COUPLING STANDARD PROFILE
Connector Designator A, F, L, H, G and U
Connector Shell Size (See Table II)
C
Anti-Decoupling Device F E Anti-Decoupling Device
Band Option 600-052-1 standard coiled band supplied with K option (Omit for none)
Shrink Boot Option Shrink boot and o-ring supplied with T option (Omit for none)
1.28 (32.5) X Dia
.67 (17.0) Typ.
D
Entry Diameter, Typ. Raised Configuration (Mfr's Option) Use MS33671 Tie-Strap or Equivalent G Drain Holes (Optional)
Pigtail Termination Slot
E
Shrink Sleeve or Boot Groove, Typ.
F
Qwik-Ty(R) Strain Relief
G
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-76
Banding Backshell with Qwik-Ty(R) Strain Relief and Self-Locking Rotatable Coupling
Shell Size For Connector Designator* A F/L H G U .06 08 08 09 - - .69 10 10 11 - 08 .75 12 12 13 11 10 .81 14 14 15 13 12 .88 16 16 17 15 14 .94 18 18 19 17 16 .97 20 20 21 19 18 1.06 22 22 23 - 20 1.13 24 24 25 23 22 1.19
TABLE II: CONNECTOR SHELL SIZE E F G Max Entry Dash No** 04 05 07 09 11 13 15 17 20
(1.5) (17.5) (19.1) (20.6) (22.4) (23.9) (24.6) (26.9) (28.7) (30.2)
.09 .88 1.00 1.13 1.31 1.38 1.44 1.63 1.75 1.88
(2.3) (22.4) (25.4) (28.7) (33.3) (35.1) (36.6) (41.4) (44.5) (47.8)
.09 1.36 1.42 1.48 1.55 1.61 1.64 1.73 1.80 1.86
(2.3) (34.5) (36.1) (37.6) (39.4) (40.9) (41.7) (43.9) (45.7) (47.2)
**Consult factory for additional entry sizes available.
TABLE III: FINISH
Symbol XM Finish Description 2000 Hour Corrosion Resistant Electroless Nickel 2000 Hour Corrosion Resistant Ni-PTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM 2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel
XMT
XW
Entry Code 04 05 07 09 11 13 15 16 17 20
TABLE IV: CABLE ENTRY
Entry Dia. .03 (0.8) .250 (6.4) .310 (7.9) .440 (11.2) .560 (14.2) .680 (17.3) .810 (20.6) .940 (23.9) 1.000 (25.4) 1.160 (29.5) 1.250 (31.8)
X Dia. .03 (0.8) .510 (13.0) .510 (13.0) .510 (13.0) .630 (16.0) .630 (16.0) .630 (16.0) .630 (16.0) .630 (16.0) .630 (16.0) .630 (16.0)
NOTES
1. 2. 3. 4. 5. 770-001S**-0 shrink boot supplied with T option. See shrink boot product page for more details. Consult factory for O-ring to be supplied with part less shrink boot. Metric dimensions (mm) are in parenthesis and are for reference only. Coupling nut supplied unplated. See Table I in Intro for front-end dimensional details.
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-77
Composite Backshells
447-327 Composite Standard Profile EMI/RFI
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 447AS327XM08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X