Part Number Hot Search : 
SMBT6429 N3055 R1329L00 AT76C114 C015B KSR1107 ALFSN AT76C114
Product Description
Full Text Search
 

To Download 43375-1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Datasheet for 76650-0231
General Information Kit Part Number: Connector Type: Solution: Molex Family: Certificates: Country of Origin: Specifications Circuit Size: Current Rating: Mounting Style: Orientation: Pitch: Tool Included: Voltage Rating: Wire Gauge (AWG): Product Hightlights 2, 3, 4, 6 12-18A, 23-33A, 3-9A Free-Hanging, Panel Mount Plugs, Receptacles 10.00mm (.393"), 3.00mm (.118"), 4.20mm (.165"), 7.50mm (.295") No 250V, 600V 12-10, 18-14, 24-18, 24-20 76650-0231 Wire-to-Wire Power Solutions Micro-Fit 3.0TM, Mini-Fit Jr.TM, Mini-Fit Sr.TM, SabreTM N/A Kit assembled in U.S.A
The SabreTM housings provide a lower-cost option to compete with connectors offering a similar voltage and current rating. The SabreTM system is a robust, highpower connector, supplying up to 18 amperes per circuit. The SabreTM power connector system provides design flexibility by accepting a wide range of wire gauges and insulation thicknesses. The Micro-Fit 3.0TM is a unique interconnect system designed to meet the need for a high contact density signal or power connector and incorporates many of the features previously found on larger power connectors. These 3.00mm (.118") pitch connectors are the perfect choice when you need compact connectors that carry up to 5 amperes of current. The Mini-Fit Jr.TM Series is designed for high current/high density applications. The Mini-Fit Jr.TM is appropriate for both power and signal applications as it can carry currents of up to 9 amps per circuit.
Features and Benefits * Fully isolated terminals * Polarized housing assures proper mating * Four point of contact for reliability * Low engagement force terminals * Box-type spring contact for high normal force * Positive latching to mate, prevents accidental disconnects * Positive housing locks * Design Flexibility
Applications * Power Supplies * Vending and Gaming * White Goods * High End Computer * Office Equipment
Page 1
* Retail Security Scanning Systems * Medical Equipment * Air Conditioners * Power Supplies, Generators, Battery Chargers * Security and Alarms * HVAC equipment * Production Equipment * Automotive Aftermarket * Deep Well Pumps * Welders * Lighting * Home Entertainment * Factory Automation Equipment * Fan Tray Assemblies * Computers and Workstations * Residential or commercial appliances * Fitness equipment * Broadcast Equipment * Telecom Infrastructure * Construction Signs * Handheld Devices * Stadium Lighting and Scoreboards * Networking equipment * Other High Amperage Devices
Page 2
Bill of Materials Molex Part No. 42816-0212 42817-0011 42815-0011 42816-0312 42816-0412 42818-0212 42818-0312 42818-0412 43178-2002 43375-1001 44441-2002 44441-2003 44441-2004 43680-2002 43680-2003 43680-2004 39-00-0039 39-00-0041 39-01-2020 39-01-2040 39-01-2060 39-01-2021 39-01-2041 39-01-2061 43030-0007 43031-0007 43645-0200 43645-0300 43645-0400 43645-0600 43640-0201 43640-0301 43640-0401 43640-0601 Description 10mm (.393") Mini-Fit Sr.TM Receptacle, 2 Circuits Mini-Fit Sr.TM Male Pin Terminal, 12-10 AWG Mini-Fit Sr.TM Female Socket Terminal, 12-10 AWG 10mm (.393") Mini-Fit Sr.TM Receptacle, 3 Circuits 10mm (.393") Mini-Fit Sr.TM Receptacle, 4 Circuits 10mm (.393") Mini-Fit Sr.TM Plug, 2 Circuits 10mm (.393") Mini-Fit Sr.TM Plug, 3 Circuits 10mm (.393") Mini-Fit Sr.TM Plug, 4 Circuits Male Crimp SabreTM Terminal 18-14 AWG, 4.57mm (.180") Maximum Insulation Diameter Female Crimp SabreTM Terminal 18-14 AWG, 4.57mm (.180") Maximum Insulation Diameter 2 Circuit 7.50mm (.295") Pitch SabreTM Receptacle 3 Circuit 7.50mm (.295") Pitch SabreTM Receptacle 4 Circuit 7.50mm (.295") Pitch SabreTM Receptacle 2 Circuit 7.50mm (.295") Pitch SabreTM Plug 3 Circuit 7.50mm (.295") Pitch SabreTM Plug 4 Circuit 7.50mm (.295") Pitch SabreTM Plug Crimp Type Female Socket Terminal, 24-18 AWG 1.57mm (.062") Diameter Crimp Type Male Pin Terminal, 24-18 AWG 4.20mm (.165") Pitch, 2 Circuit, Free-Hanging Receptacle 4.20mm (.165") Pitch, 4 Circuit, Free-Hanging Receptacle 4.20mm (.165") Pitch 6 Circuit Free Hanging Receptacle 4.20mm (.165") Pitch, 2 Circuit, Panel Mount Plug 4.20mm (.165") Pitch, 4 Circuit, Panel Mount Plug 4.20mm (.165") Pitch, 6 Circuit, Panel-Mount Plug Micro-Fit 3.0TM Crimp Terminal, Female, 24-20 AWG Micro-Fit 3.0TM Crimp Terminal, Male, 24-20 AWG 3.0mm (.118") Pitch Micro-Fit 3.0TM Receptacle, 2 Circuits 3.0mm (.118") Pitch Micro-Fit 3.0TM Receptacle, 3 Circuits 3.0mm (.118") Pitch Micro-Fit 3.0TM Receptacle, 4 Circuits 3.0mm (.118") Pitch Micro-Fit 3.0TM Receptacle, 6 Circuits 3.0mm (.118") Pitch Micro-Fit 3.0TM Plug, 2 Circuits 3.0mm (.118") Pitch Micro-Fit 3.0TM Plug, 3 Circuits 3.0mm (.118") Pitch Micro-Fit 3.0TM Plug, 4 Circuits 3.0mm (.118") Pitch Micro-Fit 3.0TM Plug, 6 Circuits Quantity 2 15 15 2 2 2 2 2 25 25 2 2 2 2 2 2 50 50 4 4 2 4 4 2 50 50 4 2 2 2 4 2 2 2
Recommended Molex Tool Molex Part No. Descripition
Page 3


▲Up To Search▲   

 
Price & Availability of 43375-1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X