Part Number Hot Search : 
28887 03542 ADG13 MK316B ECCM9 MRF16030 8HC11 SMB110C
Product Description
Full Text Search
 

To Download 306DCB700K2J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DCB
APPLICATIONS I DC Link I AC/DC Motor Controls FEATURES I Small Size I High Voltage
Operating Temperature Range Capacitance Tolerance WVDC Surge Voltage SVDC
Radial Leaded Metallized Polypropylene Film Capacitors
I Welding Equipment I Inverters
-40C to +85C 10% at 1 kHz, 25C 5% optional 700
875
900
1125
1100
1375
For T>+85C the rated voltage must be de-rated by 1.25%/C
Disipation Factor 1kHz, 25C Insulation Resistance @25C (<70% RH)for 1 minute at 100VDC applied Self Inductance
.2% Max C20F .3% Max C>20F 3000 Megohmxmicrofarad
<1 nano-Henry per mm of lead spacing and lead length Terminal to Terminal Terminal to Case 3 kVAC@50/60Hz applied between terminals and case
Dielectric Strength
150% of VDC applied between terminals for 2 Seconds and 25C >100000 hours for WVDC, 30000 hours for VAC at 70C 300/1x10 component hours Metallized polypropylene film
9
Life Expectancy Failure Quota
Construction Coating Lead terminations
Flame retardant plastic box with epoxy end fill (UL94V-0) Lead free tinned copper leads (RoHS compliant)
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
DCB
WVDC (SV) F
Radial Leaded Metallized Polypropylene Capacitors
PHYSICAL DIMENSIONS
900 (1125)
700 (875)
1100 (1375) 42.5x33.5x22
7.5 10 12 12.5 15 16 20 22 25 30 40 45 55 57.5x45x30 57.5x50x30 42.5x45x30 57.5x45x30 57.5x50x35 42.5x37x28 42.5x37x28 42.5x30x22 42.5x33.5x22 42.5x37x28 41.5x44x24 42.5x30x20 42.5x33.5x22 41.5x40x20
42.5x37x28
42.5x45x30
57.5x45x30
57.5x50x35
Convert to inches, divide by 25.4
LxHxT (mm)
L
T
L
T
H
H
LL
LL
S0.5
d P0.5
S 0.4
d 0.05
2 leaded capacitors: 5.5 mm +/-1.0 mm (standard) 25 mm +/-5 mm (Optional)
Leads lengths
4 leaded capacitors: 5.5 mm +/-1.5 mm
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
2
DCB
2 Lead Construction
Capacitance WVDC (F)
PART NUMBER
Radial Leaded Metallized Polypropylene Capacitors
PHYSICAL DIMENSIONS
Maximum RMS dv/dt Ripple Current (V/s) (A) 10kHz,+70C
Typical ESR m 10kHz, +25C
LxHxT (mm)
S (mm)
d (mm)
7.5 10 10 12 12.5 12.5 15 15 16 20 20 20 22 25 30 30 40 45 55
1100 755DCB112K2J 900 106DCB900K2J 1100 106DCB112K2J 900 126DCB900K2J 700 126DCB700K2J 1100 126DCB112K2J 700 156DCB700K2J 900 156DCB900K2J 900 166DCB900K2J 700 206DCB700K2J 900 206DCB900K2J 1100 206DCB112K2R 700 226DCB700K2J 1100 256DCB112K2R 700 306DCB700K2J 900 306DCB900K2R 900 406DCB900K2R 700 456DCB700K2R 700 556DCB700K2R
20 16 20 16 13 20 13 16 16 13 16 13 13 13 13 11 11 10 10
7 7.5 9 8.5 7.5 10.5 8 9.5 10 10 11.5 12 10 14 12.5 12.5 14 13.5 14
11.28 9.96 9.24 .9 10.2 8.04 .9 8.04 7.8 7.56 6.84 7.68 7.2 6.84 5.88 6.72 5.76 6 5.4
42.5x33.5x22 42.5x33.5x22 42.5x37x28 41.5x40x20 42.5x30x22 42.5x45x30 42.5x33.5x22 42.5x37x28 41.5x44x24 42.5x37x28 42.5x30x20 57.5x45x30 42.5x37x28 57.5x50x35 42.5x45x30 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x30
37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 37.5 52.5 37.5 52.5 37.5 52.5 52.5 52.5 52.5
1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2
4 Lead Construction
Capacitance WVDC (F)
PART NUMBER
Maximum RMS dv/dt Ripple Current (V/s) (A) 10kHz,+70C
Typical ESR m 10kHz, +25C
LxHxT (mm)
S (mm)
P (mm)
d (mm)
10 12 12.5 15 15 16 20 20 20 22 25 30 30 40 45 55
1100 106DCB112K4J 900 126DCB900K4J 1100 126DCB112K4J 700 156DCB700K4J 900 156DCB900K4J 900 166DCB900K4J 700 206DCB700K4J 900 206DCB900K4J 1100 206DCB112K4R 700 226DCB700K4J 1100 256DCB112K4R 700 306DCB700K4J 900 306DCB900K4R 900 406DCB900K4R 700 456DCB700K4R 700 556DCB700K4R
20 16 20 13 16 16 13 16 13 13 13 13 11 11 10 10
10.5 10 12.5 9.5 11.5 12 12 14 14 12 16 15 15.5 19 16.5 19
8.04 7.8 6.84 7.8 6.84 6.6 6.36 5.64 6.48 6 5.64 4.68 5.52 4.56 4.8 4.2
42.5x37x28 41.5x40x20 42.5x45x30 42.5x33.5x22 42.5x37x28 41.5x44x24 42.5x37x28 42.5x30x20 57.5x45x30 42.5x37x28 57.5x50x35 42.5x45x30 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x30
37.5 10.2 37.5 10.2 37.5 20.3 37.5 10.2 37.5 10.2 37.5 10.2 37.5 10.2 37.5 20.3 52.5 20.3 37.5 10.2 52.5 20.3 37.5 10.2 52.5 20.3 52.5 20.3 52.5 20.3 52.5 20.3
1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com


▲Up To Search▲   

 
Price & Availability of 306DCB700K2J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X