Part Number Hot Search : 
Z5237 CY7B991 N5401 KS0127B KTA501 IRLHM620 RCA9229B CH375
Product Description
Full Text Search
 

To Download 2SC5129 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon Power Transistors
2SC5129
DESCRIPTION With TO-3P(H)IS package High speed High voltage Low saturation voltage APPLICATIONS Horizontal deflection output for high resolution display,colorTV High speed switching applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3P(H)IS) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Base current Total power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 1500 600 5 10 20 5 50 150 -55~150 ae ae UNIT V V V A A A W
JMnic
Product Specification
www.jmnic.com
Silicon ower Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Collector output capacitance Transition frequency CONDITIONS IC=10mA ;IB=0 IC=6A IB=1.5A IC=6A IB=1.5A VCB=1500V IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=6A ; VCE=5V IE=0 ; VCB=10V,f=1MHz IC=0.1A ; VCE=10V 10 4 135 1.7 MIN 600 TYP. SYMBOL VCEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 Cob fT
2SC5129
MAX
UNIT V
3.0 1.4 1 10 30 8 |I
V V mA A
pF MHz
Switching times (inductive load) ts tf Storage time Fall time ICP=5A;IB1(end) =2A fH=64kHz 4.0 0.3 |I |I s s
JMnic
Product Specification
www.jmnic.com
Silicon Power Transistors
PACKAGE OUTLINE
2SC5129
Fig.2 Outline dimensions (unindicated tolerance:A
0.20 mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2SC5129

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X