Part Number Hot Search : 
B200N4F3 SCA1000 CGY93 MOC70T3 AD805107 EPM240F 54HC4060 EV004
Product Description
Full Text Search
 

To Download 2SC4747 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4747
DESCRIPTION *With TO-3PFM package *High speed switching *High breakdown voltage APPLICATIONS *Character display horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3PFM) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC IC(surge) PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-surge Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 800 6 10 20 50 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4747
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Fall time CONDITIONS IC=10mA ;RBE=0 IE=10mA ;IC=0 VCE=1500V; RBE=0 IC=1A ; VCE=5V IC=8A ; IB=1.6A IC=8A ; IB=1.6A ICP=7A;IB1=1.4A 8 MIN 800 6 0.5 30 5 1.5 0.3 V V s TYP. MAX UNIT V V mA
SYMBOL V(BR)CEO V(BR)EBO ICES hFE VCE(sat) VBE(sat) tf
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4747
Fig.2 outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4747
4


▲Up To Search▲   

 
Price & Availability of 2SC4747

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X