Part Number Hot Search : 
LR024 A9341 050AE MC3400 6404A PDN001R 65DN02 KI4433DY
Product Description
Full Text Search
 

To Download 2SC4742 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
DESCRIPTION With TO-3PN package Built-in damper diode High breakdown voltage APPLICATIONS Character display horizontal deflection output
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SC4742
Fig.1 simplified outline (TO-3PN) and symbol
Absolute maximum ratings(Ta=ae )
SYMBOL VCEO VEBO IC IC(peak) IC(surge) Io PC Tj Tstg PARAMETER Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector current-surge C to E diode forward current Collector power dissipation Junction temperature Storage temperature TC=25ae Open base Open collector CONDITIONS VALUE 1500 6 6 7 16 7 50 150 -55~150 ae ae UNIT V V A A A A W
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SC4742
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Diode forward voltage Fall time CONDITIONS IE=400mA ;IC=0 VCE=1500V; RBE=0 IC=1A ; VCE=5V IC=5A ; IB=1.25A IC=5A ; IB=1.25A IF=6A ICP=5A; IB1=1A;IB2=-2A MIN 6 0.5 25 2.0 1.5 2.0 0.4 |I V V V s TYP. MAX UNIT V mA SYMBOL V(BR)EBO ICES hFE VCE(sat) VBE(sat) VECF tf
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4742
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2SC4742

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X