Part Number Hot Search : 
2SD868 473K1 J10025 4032K300 104S1RNZ B0400 CD5530B SH7206
Product Description
Full Text Search
 

To Download 2SC4742 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4742
DESCRIPTION With TO-3PN package Built-in damper diode High breakdown voltage APPLICATIONS Character display horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCEO VEBO IC ICM IC(surge) Io PC Tj Tstg PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 1500 6 Collector-emitter voltage Open base Emitter-base voltage Open collector Collector current 6 Collector current-peak Collector current-surge C to E diode forward current Collector power dissipation Junction temperature Storage temperature TC=25ae 7 16 7 50 150 -55~150
UNIT V V A A A A W ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4742
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Diode forward voltage Fall time CONDITIONS IE=400mA ;IC=0 VCE=1500V; RBE=0 IC=1A ; VCE=5V IC=5A ; IB=1.25A IC=5A ; IB=1.25A IF=6A ICP=5A; IB1=1A;IB2=-2A MIN 6 0.5 25 2.0 1.5 2.0 0.4 |I V V V s TYP. MAX UNIT V mA
SYMBOL V(BR)EBO ICES hFE VCE(sat) VBE(sat) VECF tf
TOR NDU ICO E SEM ANG INCH
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4742
TOR NDU ICO E SEM ANG INCH
Fig.2 outline dimensions (unindicated tolerance:A 0.1mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4742
TOR NDU ICO E SEM ANG INCH
4


▲Up To Search▲   

 
Price & Availability of 2SC4742

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X