Part Number Hot Search : 
ADA4350 BFG17 PJ120A BA80JC5T 2C10LI30 BA6409F 10040 BAV99
Product Description
Full Text Search
 

To Download 2SC2612 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2612
DESCRIPTION *With TO-220 package *High collector breakdown voltage : VCEO=400V(Min) APPLICATIONS *For high voltage ,high speed and high power switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 500 400 7 3 6 1.5 30 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current DC current gain DC current gain CONDITIONS IC=0.2A ,RBE=;,L=100mH IE=10mA; IC=0 IC=1.5A; IB=0.3A IC=1.5A; IB=0.3A VCB=400V; IE=0 VCE=350V; RBE=; IC=1.5A ; VCE=5V IC=3A ; VCE=5V 15 7 MIN 400 7
2SC2612
SYMBOL VCEO(SUS) V(BR)EBO VCEsat VBEsat ICBO ICEO hFE-1 hFE-2
TYP.
MAX
UNIT V V
1.0 1.5 100 100
V V A A
Switching times ton tstg tf Turn-on time Storage time Fall time IC=3.0A IB1=- IB2=0.6A VCC@150V 1.2 1.0 2.5 1.0 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2612
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2612
4


▲Up To Search▲   

 
Price & Availability of 2SC2612

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X