Part Number Hot Search : 
UPC258C5 40221 1N4151 P4SMA91A MD100 HC123 GS1MWG CTN393
Product Description
Full Text Search
 

To Download 2N7002T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002T
N-Channel ENHANCEMENT MODE POWER MOSFET
P b Lead(Pb)-Free
1. GATE 2. SOURCE 3. DRAIN
3 1 2
SOT-523(SC-75) FEATURES:
* Fast Switching Speed * Low On-Resistance * Low Voltage Driver
APPLICATIONS:
* Drivers: Relays, Solenoids, Lamps, Hammers,Displays, Memories * Battery Operated Systems * Power Supply Converter Circuits * Load/Power Switching Cell Phones, Pagers
Maximum Ratings (TA=25C unless otherwise specified)
Characteristic
Drain-Source Voltage Gate-Source Voltage Drain Current Total Power Dissipation Junction temperature Range Storage Temperature Range
Symbol
VDSS VGSS ID PD Tj Tstg
Values
60 20 115 150 150 -55 to +150
Unit
V V mA mW C C
Device Marking
2N7002T = K72
WEITRON
http://www.weitron.com.tw
1/4
17-Sep-09
2N7002T
ELECTRICAL CHARACTERISTICS (TA=25C unless otherwise specified)
Parameter
Drain-Source Breakdown Voltage VGS=0V,ID=10A Gate-Threshold Voltage VDS=VGS, ID=250A Gate-body Leakage* VGS=20V, VDS=0V Zero Gate Voltage Drain Current VGS=0V, VDS=60V On-state Drain Current VGS=10V, VDS=7.5V Drain-Source On-Resistance VGS=5V, ID=50mA VGS=10V, ID=500mA Forward Tranconductance VDS=10V, ID=200mA Input Capacitance VDS=25V, VGS=0V, f=1MHz Output Capacitance VDS=25V, VGS=0V, f=1MHz Reverse Transfer Capacitance VDS=25V, VGS=0V, f=1MHz
Symbol
V(BR)DSS Vth(GS) IGSS IDSS ID(ON) RDS(on) gfs Ciss Coss Crss
Min
60 1 500 80 -
Typ
1000 2.0 4.4 22 11 2
Max
2 10 1 7.5 13.5 50 25 5
Unit
V V nA A mA
ms
pF
SWITCHING
Turn-on Time VDD=30V, RL=150 , ID=200mA, VGEN=10V, RGEN=25 VDD=30V, RL=150 , ID=200mA, VGEN=10V, RGEN=25 TD(on) T 7 11 20 ns 20
WEITRON
http://www.weitron.com.tw
2/4
17-Sep-09
2N7002T
Typical Characteristics
WEITRON
http://www.weitron.com.tw
3/4
17-Sep-09
2N7002T
SOT-523 Outline Dimensions
Unit:mm
A
SOT-523
Dim A B C D E G H J K L M Min 0.30 0.70 1.45 0.15 0.80 1.40 0.00 0.70 0.37 0.10 Max 0.50 0.90 1.75 0.50 0.40 1.00 1.80 0.10 1.00 0.48 0.25
TOP VIEW
B
C
D E G H K L
J
M
WEITRON
http://www.weitron.com.tw
4/4
17-Sep-09


▲Up To Search▲   

 
Price & Availability of 2N7002T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X