Part Number Hot Search : 
98047 RM10A TSL13S SZ255B SSM6J MC333 42376 MCJ16CA
Product Description
Full Text Search
 

To Download 2N7002DSPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT Dual N-Channel Enhancement MOS FET
VOLTAGE 50 Volts
APPLICATION
* Servo motor control. * Power MOSFET gate drivers. * Other switching applications.
2N7002DSPT
CURRENT 0.51 Ampere
FEATURE
* Small surface mounting type. (SC-74/SOT-457) * High density cell design for low RDS(ON). * Suitable for high packing density. * Rugged and reliable. * High saturation current capability. * Voltage controlled small signal switch.
(1) (6) 0.95 0.95 (3) 0.25~0.5 1.4~1.8 (4)
SC-74/SOT-457
1.7~2.1
2.7~3.1
CONSTRUCTION
* Dual N-Channel Enhancement
MARKING
* 72DS
0.08~0.2 0.3~0.6 0.935~1.3 0~0.15 2.6~3.0
CIRCUIT
6
4
1
3
Dimensions in millimeters
SC-74/SOT-457
Absolute Maximum Ratings
Symbol Parameter
TA = 25C unless otherwise noted
2N7002DSPT
Units
VDSS
Drain-Source Voltage
50 50
V V V mA
VDGR
VGSS ID
Drain-Gate Voltage (RGS < 1 M)
Gate-Source Voltage - Continuous Maximum Drain Current - Continuous - Pulsed
TA= 25C TA= 70C TA= 25C
20
510 1500 960 900 -55 to 150 300
PD
Maximum Power Dissipation
TA= 70C
mW mW C C
TJ,TSTG TL
Operating and Storage Temperature Range Maximum Lead Temperature for Soldering Purposes, 1/16" from Case for 10 Seconds
Thermal characteristics
RJA RJC Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case 130 60 C/W C/W
2004-7
RATING CHARACTERISTIC CURVES ( 2N7002DSPT )
Electrical Characteristics T
Symbol Parameter
A
= 25C unless otherwise noted
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BVDSS IDSS IGSSF IGSSR
Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current
VGS = 0 V, ID = 250 A VDS = 40 V, VGS = 0 V TC=125C VGS = 20 V, VDS = 0 V VGS = -20 V, VDS = 0 V
50 1 0.5 100 -100
V A mA nA nA
Gate - Body Leakage, Forward Gate - Body Leakage, Reverse
ON CHARACTERISTICS
(Note 1)
VGS(th) RDS(ON)
Gate Threshold Voltage Static Drain-Source On-Resistance
VDS = VGS, ID = 250 A VGS = 10 V, ID = 510 m A VGS = 4.5 V, ID = 350 mA
1
1.9 1 1.6
2.5 2
V
4.0 mA 400 mS
ID(ON) gFS
On-State Drain Current Forward Transconductance
VGS = 10 V, VDS = 10V VDS = 10 V , ID = 510 mA
1500
DYNAMIC CHARACTERISTICS
Qg Qgs Qgd Ciss Coss Crss ton tr toff tf
Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Time
VDS = 25 V, VGS = 10 V, I D = 510 mA
1 0.19 0.33 20 13 5 nC
VDS = 25 V, VGS = 0 V, f = 1.0 MHz
pF
VDD = 25V ID = 250 mA, VGS = 10 V, RGEN = 25 VDD = 25 V, ID = 250 mA, VGS = 10 V, RGEN = 25
6 6 11 5
20 20 20 20
nS
Turn-Off Time
nS
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
IS ISM VSD
Maximum Continuous Drain-Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage VGS = 0 V, IS = 200 mA (Note 1) 0.8
510 1.5 1.2
mA A V
Note: 1. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%.
RATING CHARACTERISTIC CURVES ( 2N7002DSPT )
Typical Electrical Characteristics
1.5
3
V GS =10V
I D , DRAIN-SOURCE CURRENT (A) 1.2
8.0 7.0
DRAIN-SOURCE ON-RESISTANCE
6.0 5.5
RDS(on) , NORMALIZED
VGS = 3.5V
2.5
4.0 4.5 5.0
0.9
5.0 4.5
2
5.5 6.0 7.0 8.0 10
1.5
0.6
4.0
0.3
3.5 3.0
1
0.5 0 0.3
0 0 1 VDS 2 3 4 , DRAIN-SOURCE VOLTAGE (V) 5
0.6 0.9 I D , DRAIN CURRENT (A)
1.2
1.5
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Gate Voltage and Drain Current.
2 1.8 DRAIN-SOURCE ON-RESISTANCE R DS(ON) NORMALIZED , 1.6 1.4 1.2 1 0.8 0.6 0.4 -50
2.5
V GS = 10V
R DS(on), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
I D = 0.51A
V GS = 10V
2
TJ = 125C
1.5
25C
1
-55C
0.5 0 0.3 I
D
-25
0 25 50 75 100 T , JUNCTION TEMPERATURE (C) J
125
150
0.6 0.9 , DRAIN CURRENT (A)
1.2
1.5
Figure 3. On-Resistance Variation with Temperature.
Figure 4. On-Resistance Variation with Drain Current and Temperature.
1.5
1.2
25C 125C
V th, NORMALIZED GATE-SOURCE THRESHOLD VOLTAGE
V DS = 10V
1.2 I D , DRAIN CURRENT (A)
T
J
= -55C
1.1
V DS = V GS I D = 250A
0.9
1
0.6
0.9
0.3
0.8
0 1 2 3 4 5 6 V GS , GATE TO SOURCE VOLTAGE (V) 7 8
0.7 -50
-25
0 25 50 75 100 TJ , JUNCTION TEMPERATURE (C)
125
150
Figure 5. Transfer Characteristics.
Figure 6. Gate Threshold Variation with Temperature.
RATING CHARACTERISTIC CURVES ( 2N7002DSPT )
Typical Electrical Characteristics (continued)
DRAIN-SOURCE BREAKDOWN VOLTAGE
1.16
I
D
= 250 A
I S , REVERSE DRAIN CURRENT (A)
1.5 1 0.5
V GS = 0V
1.12 1.08 1.04 1 0.96 0.92 0.88 -50
BV DSS , NORMALIZED
TJ = 125C
0.1
25C -55C
0.01
-25
0 25 50 75 100 TJ , JUNCTION TEMPERATURE (C)
125
150
0.001 0.2
0.4 0.6 0.8 1 V SD , BODY DIODE FORWARD VOLTAGE (V)
1.2
Figure 7. Breakdown Voltage Variation with Temperature.
Figure 8. Body Diode Forward Voltage Variation with Current and Temperature.
100 50
10
V
V GS , GATE-SOURCE VOLTAGE (V) 8
DS
= 25V
I D = 0.51A
CAPACITANCE (pF)
C iss
20 10 5
6
C oss C rss f = 1 MHz
4
2
2 1 0.1
V GS = 0 V
0.2 0.5 1 2 5 10 20 50
0 0 0.2 V DS , DRAIN TO SOURCE VOLTAGE (V) 0.4 0.6 0.8 Q g , GATE CHARGE (nC) 1 1.2
Figure 9. Capacitance Characteristics.
Figure 10. Gate Charge Characteristics.
0.7
V DS = 10V
0.6 0.5 0.4 0.3 0.2 0.1 0 0 0.3 V
GS
TJ = -55C 25C
I D , DRAIN CURRENT (A)
125C
0.6 0.9 1.2 , GATE TO SOURCE VOLTAGE (V)
1.5
Figure 11. Transconductance Variation with Drain Current and Temperature.
RATING CHARACTERISTIC CURVES ( 2N7002DSPT )
Typical Thermal Characteristics
1.2 STEADY-STATE POWER DISSIPATION (W) I D , STEADY-STATE DRAIN CURRENT (A)
0.55
1.1
1a
0.5
1
1a
1b
0.9
1b
0.45 1c
0.8
1c
0.4
4.5"x5" FR-4 Board TA = 2 5 C Still Air VG S = 1 0 V
o
0.7
4.5"x5" FR-4 Board TA = 2 5 C Still Air
o
0.6 0 0.2 0.4 0.6 0.8 2oz COPPER MOUNTING PAD AREA (in 2 ) 1
0.35 0
0.025 0.05 0.075 0.1 2 2oz COPPER MOUNTING PAD AREA (in )
0.125
Figure 12. SOT-6 Dual Package Maximum Steady-State Power Dissipation versus Copper Mounting Pad Area.
3 2 1 I D , DRAIN CURRENT (A) 0.5
RD S(O N) LIM IT
Figure 13. Maximum Steady-State Drain Current versus Copper Mounting Pad Area.
10 0 1m us s
10 ms
0.2 0.1
10
0m
s
V
0.05
GS
= 10V
1s
SINGLE PULSE R J A = See Note 1c T A = 25C
1 2
DC
0.02 0.01
5 10 20 V DS , DRAIN-SOURCE VOLTAGE (V)
50
70
Figure 14. Maximum Safe Operating Area.
1
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
0 .5
D = 0.5
0 .2 0 .1 0.05
0.2 0.1 P(pk) 0.05 0.02 0.01
R JA (t) = r(t) * R JA R JA = See Note 1c
t1 TJ - T
t2
0.02 0.01 0 .0 0 0 1
Single Pulse
= P * R JA (t) Duty Cycle, D = t 1 / t 2
A
0 .001
0 .0 1
0 .1 t 1, TIME (sec)
1
10
100
300
Figure 15. Transient Thermal Response Curve.
Note: Thermal characterization performed using the conditions described in note 1c. Transient thermal response will change depending on the circuit board design.
NDC7002N.SAM


▲Up To Search▲   

 
Price & Availability of 2N7002DSPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X