Part Number Hot Search : 
116405 OM5222SW 20N60 CTQ150 TT3BL MAX309 PA24A FA2321U
Product Description
Full Text Search
 

To Download 250069-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 REVISION
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK ELECTRONICS AND NOT TO BE REPRODUCED FOR OR COMMUNICATED TO A THIRD PARTY WITHOUT THE EXPRESS WRITTEN PERMISSION OF AN OFFICER OF QUALTEK ELECTRONICS.
REV.
DESCRIPTION
DATE
APPROVED
120" 0"
2"
1 2
3
O17.4
W G
70
37
42
59
O31 O17 .42
59
O31.0
70
NOTES: 1. CORDAGE: SJT, 16AWG/3C, UNSHIELDED, NA COLOR CODE, TEMP. RATING 60C, RATING: 125V 13A, JACKET COLOR: BLACK PLUG: L5-15P CONNECTOR: L5-15R APPROVALS: UL, cUL ROHS COMPLIANT
Dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500
Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20
CONTROLLED Qualtek Electronics Corp.
Part Number: Description:
PPC DIVISION 250069-01
2. 3. 4. 5.
POWER CORD
UNIT: in
Drawn / Date R.Nuti 10-24-07
Checked / Date 10-24-07
Approved / Date JJH / 10-24-07


▲Up To Search▲   

 
Price & Availability of 250069-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X