Part Number Hot Search : 
N5392 09M00 OP954 MMSZ5234 TPAC400P PA271 NSF03A60 TPAC400P
Product Description
Full Text Search
 

To Download 2157-125-10-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KR Electronics, Inc.
KR Electronics
General Description KR 2157-125-10-50 is a 125 MHz bandpass filter. The filter has a 12.5 MHz min 3 dB bandwidth and is designed for 50 source and load impedance. Other passband frequencies, bandwidths and impedances are available. Please consult the factory. Features * 125 MHz Bandpass * 50 * DIP Package
www.krfilters.com
Typical Performance
Passband Amplitude & Group Delay
(1 dB/div & 20 nsec/div)
19 Jul 2007 12:03:58
CH1 CH2 S21 S21 LOG DEL 1 dB/ 20 ns/ REF 0 dB REF 20 ns CH2 S21 LOG 10 dB/
Overall Response
(10 dB/div)
19 Jul 2007 12:08:02
REF 0 dB
Cor
Smo Cor Cor
CENTER
125 . 000
000
MHz
SPAN
12 . 500
000
MHz
START
10 . 000
000
MHz
STOP
1 000 . 000
000
MHz
KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2007, KR Electronics, Inc.
Web Email Phone Fax
www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 1
KR Electronics, Inc.
KR 2157-125-10-50
Specifications
Parameter Filter type Insertion Loss Minimum 3 dB Bandwidth Maximum 40 dB Bandwidth Source & Load Specification Bandpass < 4 dB ( 2.5 dB typical) 12.5 MHz 100 MHz (85 MHz typical) 50
www.krfilters.com
Physical Dimensions
Metal Case Pin 1 is Input Pin 5 is Output All other Pins are Ground All leads .030" diameter Dimensions inches
KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2007, KR Electronics, Inc.
Web Email Phone Fax
www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 2


▲Up To Search▲   

 
Price & Availability of 2157-125-10-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X