Part Number Hot Search : 
M25V10 MBR3040W AUY14A2 3CTQ100 ON0806 110ZA1T 2SK1392 SB10150F
Product Description
Full Text Search
 

To Download 1N4245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4245, 1N4246, 1N4247, 1N4248, 1N4249 General Purpose Silicon Rectifiers
POWER DISCRETES Description
Quick reference data VR = 200V - 1000V IF = 1.0A trr = 2S V = 1.2V
F
Features
1 Amp 55C/no heat sink Monolithic non-cavity construction Fused metal oxide hermetic seal Superior thermal shock resistance Low thermal impedance Low reverse leakage PIV to 1000 volts These products can be supplied as JAN, JANTX or JANTXV per MIL-S-19500/286
Electrical Specifications
Electrical specifications: All temperatures are local ambient , 25C unless otherwise specified.
Device Types
Reverse Voltage
Forw ard Reverse Instantaneous Repetitive Current Current (Max) Forw ard Surge (1) Voltage Current Free Air 55C IR UAdc VF @ IF = 1.0Adc IFRM
1 Cycle Surge Current tp = 8.3ms IFSM
Reverse Recovery Time (2) Trr S
Typical Thermal Impedance (3) J-L C/Watt d=0 7 7 7 7 7 d = .375 38 38 38 38 38
VRWM
VRRM
V 1N4245 1N4246 1N4247 1N4248 1N4249 200 400 600 800 1000
V 200 400 600 800 1000
A 1.0 1.0 1.0 1.0 1.0
25C 1.0 1.0 1.0 1.0 1.0
100C 25 25 25 25 25
V dc 1.2 1.2 1.2 1.2 1.2
A (pk) 10 10 10 10 10
A (pk) 30 30 30 30 30
Max. Typ. 2 2 2 2 2 1 1 1 1 1
Notes: (1) The 1.0 amp rating @ 55C requires no heat sinking, special mounting, or forced air across the body of the device. (2) Recovery conditions: 0.5 Amp forward current to -1.0 Amp reverse current. Recovery time measured when rectifier recovers to -.25 Amp. Storage temperature: -65C to +175C.
Revision: May 30, 2007
1
www.semtech.com
1N4245, 1N4246, 1N4247, 1N4248, 1N4249
POWER DISCRETES Ordering Information
Part Number 1N4245 1N4246 1N4247 1N4248 1N4249 Description
Axial leaded hermetically sealed(1)
Note: (1) Available in bulk or tape and reel packaging. Please consult factory for quantities.
Outline Drawing
Dimensions Inches DIMN A
Note 1. 0.030"
Millimeters MIN 1.65 25.4 3.56 .686 MAX 2.79 31.7 4.19 .786
Note
MIN .065 1.00 .140 .027
MAX .110 1.25 .165 .031
-
B C D
0.030"
Note: 1. Lead diameter not controlled in this area.
Contact Information
Semtech Corporation Power Discretes Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
2007 Semtech Corp.
2
www.semtech.com


▲Up To Search▲   

 
Price & Availability of 1N4245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X