Part Number Hot Search : 
MP2504W BR20H 638472 HPN2222A 1N444 1417700 SMZJ3 GZ2310
Product Description
Full Text Search
 

To Download 15ETH06-1PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 15ETH06SPbF/15ETH06-1PBF
Vishay High Power Products
Hyperfast Rectifier, 15 A FRED PtTM
15ETH06SPbF 15ETH06-1PBF
FEATURES
* Hyperfast recovery time
Available
* Low forward voltage drop * Low leakage current
Base cathode 2
RoHS*
COMPLIANT
* 175 C operating junction temperature
2
* Single die center tap module * Lead (Pb)-free ("PbF" suffix) * Designed and qualified for Q101 level
1 N/C
2
3 Anode
1 N/C
3 Anode
DESCRIPTION/APPLICATIONS
State of the art hyperfast recovery rectifiers designed with optimized performance of forward voltage drop, hyperfast recovery time, and soft recovery. The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in PFC boost stage in the AC-DC section of SMPS, inverters or as freewheeling diodes. The extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.
D PAK
TO-262
PRODUCT SUMMARY
trr (typical) IF(AV) VR 22 ns 15 A 600 V
ABSOLUTE MAXIMUM RATINGS
PARAMETER Peak repetitive reverse voltage Average rectified forward current Non-repetitive peak surge current Peak repetitive forward current Operating junction and storage temperatures SYMBOL VRRM IF(AV) IFSM IFM TJ, TStg TC = 140 C TJ = 25 C TEST CONDITIONS MAX. 600 15 120 30 - 65 to 175 C A UNITS V
ELECTRICAL SPECIFICATIONS (TJ = 25 C unless otherwise specified)
PARAMETER Breakdown voltage, blocking voltage Forward voltage SYMBOL VBR, VR VF IR = 100 A IF = 15 A IF = 15 A, TJ = 150 C VR = VR rated TJ = 150 C, VR = VR rated VR = 600 V Measured lead to lead 5 mm from package body TEST CONDITIONS MIN. 600 TYP. 1.8 1.3 0.2 30 20 8.0 MAX. 2.2 1.6 50 500 A pF nH V UNITS
Reverse leakage current Junction capacitance Series inductance
IR CT LS
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 94003 Revision: 21-May-08 For technical questions, contact: diodes-tech@vishay.com www.vishay.com 1
15ETH06SPbF/15ETH06-1PBF
Vishay High Power Products
Hyperfast Rectifier, 15 A FRED PtTM
DYNAMIC RECOVERY CHARACTERISTICS (TC = 25 C unless otherwise specified)
PARAMETER SYMBOL TEST CONDITIONS IF = 1 A, dIF/dt = 100 A/s, VR = 30 V Reverse recovery time trr IF = 15 A, dIF/dt = 100 A/s, VR = 30 V TJ = 25 C TJ = 125 C Peak recovery current IRRM Qrr trr IRRM Qrr TJ = 125 C TJ = 25 C TJ = 125 C TJ = 25 C TJ = 125 C IF = 15 A dIF/dt = 800 A/s VR = 390 V IF = 15 A dIF/dt = 200 A/s VR = 390 V MIN. TYP. 22 28 29 75 3.5 7 57 300 51 20 580 MAX. 30 35 A ns UNITS
Reverse recovery charge Reverse recovery time Peak recovery current Reverse recovery charge
C ns A nC
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER Maximum junction and storage temperature range Thermal resistance, junction to case per leg Thermal resistance, junction to ambient per leg Thermal resistance, case to heatsink Weight Mounting torque Marking device Case style D2PAK Case style TO-262 SYMBOL TJ, TStg RthJC RthJA RthCS Typical socket mount Mounting surface, flat, smooth and greased TEST CONDITIONS MIN. - 65 6.0 (5.0) TYP. 1.0 0.5 2.0 0.07 MAX. 175 1.3 70 12 (10) g oz. kgf * cm (lbf * in) C/W UNITS C
15ETH06S 15ETH06-1
www.vishay.com 2
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94003 Revision: 21-May-08
15ETH06SPbF/15ETH06-1PBF
Hyperfast Rectifier, 15 A FRED PtTM
100 1000
Vishay High Power Products
IF - Instantaneous Forward Current (A)
IR - Reverse Current (A)
100 10 1 0.1 0.01 0.001 0
TJ = 175 C TJ = 150 C TJ = 125 C TJ = 100 C
10
TJ = 175 C TJ = 150 C TJ = 25 C
TJ = 25 C
1 0.5
1.0
1.5
2.0
2.5
3.0
0
100
200
300
400
500
600
VF - Forward Voltage Drop (V)
Fig. 1 - Typical Forward Voltage Drop Characteristics
VR - Reverse Voltage (V)
Fig. 2 - Typical Values of Reverse Current vs. Reverse Voltage
1000
CT - Junction Capacitance (pF)
100
TJ = 25 C
10 0 100 200 300 400 500 600
VR - Reverse Voltage (V)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
ZthJC - Thermal Impedance (C/W)
10
1
PDM
0.1
Single pulse (thermal resistance) 0.01 0.00001 0.0001 0.001
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01
t1 t2
Notes: 1. Duty factor D = t1/t2 . 2. Peak TJ = PDM x ZthJC + TC 0.01 0.1 1
.
10
t1 - Rectangular Pulse Duration (s)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Document Number: 94003 Revision: 21-May-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 3
15ETH06SPbF/15ETH06-1PBF
Vishay High Power Products
180
Hyperfast Rectifier, 15 A FRED PtTM
100 IF = 30 A IF = 15 A 80
Allowable Case Temperature (C)
170 160 150 140 130 120 110 0 5 10 15 20 25 Square wave (D = 0.50) 80 % rated VR applied See note (1) 0 100 DC
trr (ns)
60
40
20
VR = 390 V TJ = 125 C TJ = 25 C 1000
IF(AV) - Average Forward Current (A)
Fig. 5 - Maximum Allowable Case Temperature vs. Average Forward Current
dIF/dt (A/s)
Fig. 7 - Typical Reverse Recovery vs. dIF/dt
35
1000 VR = 390 V TJ = 125 C TJ = 25 C IF = 30 A IF = 15 A D = 0.01 D = 0.02 D = 0.05 D = 0.10 D = 0.20 D = 0.50
Average Power Loss (W)
30 RMS Limit 25 20 15 10 5 0 0 5 10 15 20 25 DC 800
Qrr (nC)
600
400
200
0 100
1000
IF(AV) - Average Forward Current (A)
Fig. 6 - Forward Power Loss Characteristics
dIF/dt (A/s)
Fig. 8 - Typical Stored Charge vs. dIF/dt
(1)
Note Formula used: TC = TJ - (Pd + PdREV) x RthJC; Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
www.vishay.com 4
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94003 Revision: 21-May-08
15ETH06SPbF/15ETH06-1PBF
Hyperfast Rectifier, 15 A FRED PtTM
VR = 200 V
Vishay High Power Products
0.01 L = 70 H D.U.T.
dIF/dt adjust
D G IRFP250 S
Fig. 9 - Reverse Recovery Parameter Test Circuit
(3)
IF
0
trr ta tb
Qrr
(2)
(4)
IRRM
0.5 IRRM dI(rec)M/dt (5) 0.75 IRRM
(1) dIF/dt (1) dIF/dt - rate of change of current through zero crossing (2) IRRM - peak reverse recovery current (3) trr - reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current. (4) Qrr - area under curve defined by trr and IRRM Qrr = trr x IRRM 2
(5) dI(rec)M/dt - peak rate of change of current during tb portion of trr
Fig. 10 - Reverse Recovery Waveform and Definitions
Document Number: 94003 Revision: 21-May-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 5
15ETH06SPbF/15ETH06-1PBF
Vishay High Power Products
ORDERING INFORMATION TABLE
Hyperfast Rectifier, 15 A FRED PtTM
Device code
15
1
E
2
T
3
H
4
06
5
S
6
TRL PbF
7 8
1 2 3 4 5 6 7
6
-
Current rating (15 A) E = Single diode T = TO-220, D 2PAK H = Hyperfast rectifier Voltage rating (06 = 600 V) S = D2PAK -1 = TO-262 None = Tube (50 pieces) TRL = Tape and reel (left oriented, for D2PAK package) TRR = Tape and reel (right oriented, for D2PAK package)
8
-
None = Standard production PbF = Lead (Pb)-free
LINKS TO RELATED DOCUMENTS Dimensions Part marking information Packaging information http://www.vishay.com/doc?95014 http://www.vishay.com/doc?95008 http://www.vishay.com/doc?95032
www.vishay.com 6
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94003 Revision: 21-May-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 15ETH06-1PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X